Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5403D-HTST Datasheet(PDF) 44 Page - ams AG

Part # AS5403D-HTST
Description  3D Hall Position Sensor for Linear and Off-Axis Applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5403D-HTST Datasheet(HTML) 44 Page - ams AG

Back Button AS5403D-HTST Datasheet HTML 40Page - ams AG AS5403D-HTST Datasheet HTML 41Page - ams AG AS5403D-HTST Datasheet HTML 42Page - ams AG AS5403D-HTST Datasheet HTML 43Page - ams AG AS5403D-HTST Datasheet HTML 44Page - ams AG AS5403D-HTST Datasheet HTML 45Page - ams AG AS5403D-HTST Datasheet HTML 46Page - ams AG AS5403D-HTST Datasheet HTML 47Page - ams AG AS5403D-HTST Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
Page 44
ams Datasheet
Document Feedback
[v1-06] 2015-Aug-28
AS5403A/D/E − Device Configuration
Figure 60:
EEPROM OUT Pin Configuration and PWM Frequency 0x1F9
Register
Hex
Access
Bit
Function
Default
Note
0x1F9
R/W
D15 (MSB)
OUT FALL <1>
0
Threshold for the fall time check.
00 = no check
01 = 24 to 28 μs
10 = 56 to 60 μs
11 = 120 to 124 μs
D14
OUT FALL <0>
0
D13
OUT RISE <1>
0
Threshold for the rise time check.
00 = no check
01 = 24 to 28 μs
10 = 56 to 60 μs
11 = 120 to 124 μs
D12
OUT RISE <0>
0
D11
Reserved
0
D10
OUT CFG <2>
0
Output driver configuration OUT pin
::
:
D8
OUT CFG <0>
0
D7
Reserved
0
::
D3
0
D2
DIAG_HIGH
0
Failure band selection internal errors
0=Failure band low
1= Failure band high
D1
PWMF <1>
0
PWM frequency selection
00 = 1 kHz. Don’t use other settings
except AS5403E 11=0.125kHz in
case of Table Select = 10
D0 (LSB)
PWMF <0>
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com