Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5403D-HTST Datasheet(PDF) 54 Page - ams AG

Part # AS5403D-HTST
Description  3D Hall Position Sensor for Linear and Off-Axis Applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5403D-HTST Datasheet(HTML) 54 Page - ams AG

Back Button AS5403D-HTST Datasheet HTML 50Page - ams AG AS5403D-HTST Datasheet HTML 51Page - ams AG AS5403D-HTST Datasheet HTML 52Page - ams AG AS5403D-HTST Datasheet HTML 53Page - ams AG AS5403D-HTST Datasheet HTML 54Page - ams AG AS5403D-HTST Datasheet HTML 55Page - ams AG AS5403D-HTST Datasheet HTML 56Page - ams AG AS5403D-HTST Datasheet HTML 57Page - ams AG AS5403D-HTST Datasheet HTML 58Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 66 page
background image
Page 54
ams Datasheet
Document Feedback
[v1-06] 2015-Aug-28
AS5403A/D/E − Device Configuration
Figure 80:
Register Bi’ Component 0x54B
Figure 81:
Register Bj’ Component 0x54C
Temperature Sensor
The on chip temperature sensor can be used to gain rough
information about the ambient temperature. The SPI interface
is mandatory when this information shall be used.
Figure 82:
Temperature Sensor
Register
Hex
Access
Bit
Function
Note
0x54B
R
D15 (MSB)
Bi‘
Magnetic field component Bi’. Content dependant on
sequencer control settings and table selection
:
D0 (LSB)
Register
Hex
Access
Bit
Function
Note
0x54C
R
D15 (MSB)
Bj‘
Magnetic field component Bj’. Content dependant on
sequencer control settings and table selection
:
D0 (LSB)
Parameter
Conditions
Min
Typ
Max
Unit
Temperature Signal
@ 0°C
-17325
LSB
Temperature Sensor Resolution
315
LSB/K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com