Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5403D-HTST Datasheet(PDF) 50 Page - ams AG

Part # AS5403D-HTST
Description  3D Hall Position Sensor for Linear and Off-Axis Applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5403D-HTST Datasheet(HTML) 50 Page - ams AG

Back Button AS5403D-HTST Datasheet HTML 46Page - ams AG AS5403D-HTST Datasheet HTML 47Page - ams AG AS5403D-HTST Datasheet HTML 48Page - ams AG AS5403D-HTST Datasheet HTML 49Page - ams AG AS5403D-HTST Datasheet HTML 50Page - ams AG AS5403D-HTST Datasheet HTML 51Page - ams AG AS5403D-HTST Datasheet HTML 52Page - ams AG AS5403D-HTST Datasheet HTML 53Page - ams AG AS5403D-HTST Datasheet HTML 54Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 66 page
background image
Page 50
ams Datasheet
Document Feedback
[v1-06] 2015-Aug-28
AS5403A/D/E − Device Configuration
Figure 69:
Error Register 1 0x300
Register
Hex
Access
Bit
Function
Note
0x300
R
D15 (MSB)
Reserved
D14
MgnLost
Magnet Lost: it indicates that Magnitude is
below the configured threshold (magnet is too
far away) (EEPROM 0x00F)
D13
DiPaSeMo
Digital Part Self-Monitoring fail: it indicates that
the digital part self-monitoring detected an
error.
D12
NrmOvfl
Normalization Overflow: it indicates the
multiplier overflow during normalization.
D11
SensOvfl
Sensitivity Correction Overflow: it indicates the
Multiplier overflow during sensitivity correction
over temperature
D10
RngWarn
Range Warning: it indicates that the ADC input
signal exceeds the input range.
D9
Reserved
D8
CalcError
Calculation Error: it indicates that an overflow in
post-processing calculations occurred.
D7
Reserved
D6
SLOvfl
Linearization Overflow: it indicates that the
multiplication in front of the linearization
saturated.
D5
GainSat
Gain Multiplication Saturation: it indicates that
the result of the gain multiplication saturated.
D4
ClampStatus 1
Clamp Status 1: it indicates that the
post-processing used the clamping values to
limit the output value.
D3
ClampStatus 2
Clamp Status 2: it indicates that the unsigned
post-processing used the clamping values to
limit the PWM/Analog value.
D2
Reserved
:
D0 (LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com