Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5403D-HTST Datasheet(PDF) 58 Page - ams AG

Part # AS5403D-HTST
Description  3D Hall Position Sensor for Linear and Off-Axis Applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5403D-HTST Datasheet(HTML) 58 Page - ams AG

Back Button AS5403D-HTST Datasheet HTML 54Page - ams AG AS5403D-HTST Datasheet HTML 55Page - ams AG AS5403D-HTST Datasheet HTML 56Page - ams AG AS5403D-HTST Datasheet HTML 57Page - ams AG AS5403D-HTST Datasheet HTML 58Page - ams AG AS5403D-HTST Datasheet HTML 59Page - ams AG AS5403D-HTST Datasheet HTML 60Page - ams AG AS5403D-HTST Datasheet HTML 61Page - ams AG AS5403D-HTST Datasheet HTML 62Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 66 page
background image
Page 58
ams Datasheet
Document Feedback
[v1-06] 2015-Aug-28
AS5403A/D/E − Pack age Drawings & Mark ings
Figure 86:
14-Lead Thin Shrink Small Outline Package TSSOP-14
Note(s) and/or Footnote(s):
1. Dimensions & toleranceing confirm to ASME Y14.5M-1994.
2. All dimensions are in millimeters. Angles are in degrees.
3. N is the total number of terminals.
Green
RoHS
Symbol
Min
Nom
Max
A-
-
1.20
A1
0.05
-
0.15
A2
0.80
1.00
1.05
b
0.19
-
0.30
c
0.09
-
0.20
D
4.90
5.00
5.10
E
-
6.40 BSC
-
E1
4.30
4.40
4.50
e
-
0.65 BSC
-
L
0.45
0.60
0.75
L1
-
1.00 REF
-
Symbol
Min
Nom
Max
R0.09
-
-
R1
0.09
-
-
S0.20
-
-
Θ10°
-
8°
Θ2-
12REF
-
Θ3-
12 REF
-
aaa
-
0.10
-
bbb
-
0.10
-
ccc
-
0.05
-
ddd
-
0.20
-
N14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com