Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS-MLV-P2 Datasheet(PDF) 11 Page - ams AG

Part # AS-MLV-P2
Description  Air Quality Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS-MLV-P2 Datasheet(HTML) 11 Page - ams AG

Back Button AS-MLV-P2 Datasheet HTML 7Page - ams AG AS-MLV-P2 Datasheet HTML 8Page - ams AG AS-MLV-P2 Datasheet HTML 9Page - ams AG AS-MLV-P2 Datasheet HTML 10Page - ams AG AS-MLV-P2 Datasheet HTML 11Page - ams AG AS-MLV-P2 Datasheet HTML 12Page - ams AG AS-MLV-P2 Datasheet HTML 13Page - ams AG AS-MLV-P2 Datasheet HTML 14Page - ams AG AS-MLV-P2 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ams Datasheet
Page 11
[v1-01] 2015-Oct-12
Document Feedback
AS-MLV-P2 − Application Information
Heater Calibration
As mentioned in the previous chapter the each sensor has its
own set-point at the operation temperature. This set-point can
be determined by a previous calibration step. This means that
the AS-MLV-P2 is started at room temperature (23°C ± 3°C) and
powered with 34mW. With these conditions the heater
resistance is measured and stored into the EEPROM. This heater
resistance is the certain set-point which is kept constant with
the regulating PWM during operation.
General Characteristics
The sensor has some native characteristics which should be
considered in the application development.
Burn-In Behavior
Once in lifetime the sensor performs a special burn in behavior,
this curve is characterized in three phases which are described
with the following figure.
Figure 12:
Burn-In of Sensor
Description
Duration
Phase 1
Fast increase of the sensor resistance
~ 10 hours
Phase 2
Plateau with nearly stable baseline
~ 12 hours
Phase 3
Long drift like decrease of the sensor resistance
> 4 days



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com