Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS-MLV-P2 Datasheet(PDF) 15 Page - ams AG

Part # AS-MLV-P2
Description  Air Quality Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS-MLV-P2 Datasheet(HTML) 15 Page - ams AG

Back Button AS-MLV-P2 Datasheet HTML 11Page - ams AG AS-MLV-P2 Datasheet HTML 12Page - ams AG AS-MLV-P2 Datasheet HTML 13Page - ams AG AS-MLV-P2 Datasheet HTML 14Page - ams AG AS-MLV-P2 Datasheet HTML 15Page - ams AG AS-MLV-P2 Datasheet HTML 16Page - ams AG AS-MLV-P2 Datasheet HTML 17Page - ams AG AS-MLV-P2 Datasheet HTML 18Page - ams AG AS-MLV-P2 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ams Datasheet
Page 15
[v1-01] 2015-Oct-12
Document Feedback
AS-MLV-P2 − Mechanical Information
Figure 16:
Module Markings
Figure 17:
Module and Marking Elements
Item
Description
PCB Material
FR4 with gold surface (7μm Ni / 3μm Au)
Connector
Edge connector
Marking PIN1
White mark
Label
Laser mark AS-MLV-P2
Product name (first row)
AS-MLV-P2
Serial number (second row)
SNYYxxxxxxx
YY
→ two digits production year
xxxxxxx
→ 7 digits running number
AS-MLV-P2
SNYYxxxxxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com