Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS-MLV-P2 Datasheet(PDF) 17 Page - ams AG

Part # AS-MLV-P2
Description  Air Quality Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS-MLV-P2 Datasheet(HTML) 17 Page - ams AG

Back Button AS-MLV-P2 Datasheet HTML 13Page - ams AG AS-MLV-P2 Datasheet HTML 14Page - ams AG AS-MLV-P2 Datasheet HTML 15Page - ams AG AS-MLV-P2 Datasheet HTML 16Page - ams AG AS-MLV-P2 Datasheet HTML 17Page - ams AG AS-MLV-P2 Datasheet HTML 18Page - ams AG AS-MLV-P2 Datasheet HTML 19Page - ams AG AS-MLV-P2 Datasheet HTML 20Page - ams AG AS-MLV-P2 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ams Datasheet
Page 17
[v1-01] 2015-Oct-12
Document Feedback
AS-MLV-P2 − Mechanical Information
Note(s):
1. All dimensions are in millimeters unless otherwise stated.
2. Unspecified dimension tolerance should be ±0.10mm.
3. Cumulative tolerance of 10 sprocket holes is ±0.20mm.
Perforation
Diameter
ΘD0
1.50
mm
+0.10
Diameter
ΘD1
1.50
-0.00
Pitch
P0
4.00
±0.10
Pitch
P2
2.00
Position
E
1.75
Distance between
center line
Width
F
7.50
Carrier tape
material
Type
Echips
Width
W
16.00
mm
±0.30
Thickness
T
0.50
±0.05
Requirement/
Notice
1. Camber 250mm. Should be less than 1.00mm by Camber gauge.
2. Must conform to E.I.A. Standard.
Description
Items
Symbol
Value
Unit
Tolerance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com