Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS-MLV-P2 Datasheet(PDF) 18 Page - ams AG

Part # AS-MLV-P2
Description  Air Quality Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS-MLV-P2 Datasheet(HTML) 18 Page - ams AG

Back Button AS-MLV-P2 Datasheet HTML 14Page - ams AG AS-MLV-P2 Datasheet HTML 15Page - ams AG AS-MLV-P2 Datasheet HTML 16Page - ams AG AS-MLV-P2 Datasheet HTML 17Page - ams AG AS-MLV-P2 Datasheet HTML 18Page - ams AG AS-MLV-P2 Datasheet HTML 19Page - ams AG AS-MLV-P2 Datasheet HTML 20Page - ams AG AS-MLV-P2 Datasheet HTML 21Page - ams AG AS-MLV-P2 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-01] 2015-Oct-12
AS-MLV-P2 − Soldering Information
Handling
The AS-MLV-P2 should be handled carefully, shear stress should
be avoided. The sensor is protected against particles and liquids
by a membrane. This membrane shall not be removed or
touched.
Soldering Instructions
The AS-MLV-P2 can be soldered in standard reflow soldering
ovens. The reflow oven shall be purged with clean air. Other
gases must be avoided. For the lead free reflow process a
standard process IPC/JEDEC J-STD-020 with peak temperature
up to maximum 230°C on surface is suggested. See Figure 19
for more detailed description.
Note(s): The device shall be kept clear of liquids; therefore a
PCB washing process must be avoided in any case.
For manual soldering: contact must be limited to 5 seconds at
a maximum temperature of 350°C.
Figure 19:
Solder Reflow Graph
Soldering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com