Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDC-GPX Datasheet(PDF) 13 Page - ams AG

Part # TDC-GPX
Description  Ultra-high Performance 8 Channel Time- to-Digital Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GPX Datasheet(HTML) 13 Page - ams AG

Back Button TDC-GPX Datasheet HTML 9Page - ams AG TDC-GPX Datasheet HTML 10Page - ams AG TDC-GPX Datasheet HTML 11Page - ams AG TDC-GPX Datasheet HTML 12Page - ams AG TDC-GPX Datasheet HTML 13Page - ams AG TDC-GPX Datasheet HTML 14Page - ams AG TDC-GPX Datasheet HTML 15Page - ams AG TDC-GPX Datasheet HTML 16Page - ams AG TDC-GPX Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
TDC-GPX
acam-messelectronic gmbh - Am Hasenbiel 27 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
12
017
G3
Vddo
I/O supply voltage
Vddo
018
H2
Vsso
I/O GND
GND
019
J1
D0
Data 0
Bidirectional 4mA
10k
Ω to GND
020
J2
D1
‘
Bidirectional 4mA
10k
Ω to GND
021
K1
D2
‘
Bidirectional 4mA
10k
Ω to GND
022
K2
D3
‘
Bidirectional 4mA
10k
Ω to GND
023
L1
D4
‘
Bidirectional 4mA
10k
Ω to GND
024
L2
D5
‘
Bidirectional 4mA
10k
Ω to GND
025
M1
D6
‘
Bidirectional 4mA
10k
Ω to GND
026
N2
D7
‘
Bidirectional 4mA
10k
Ω to GND
027
M2
D8
‘
Bidirectional 4mA
10k
Ω to GND
028
N3
D9
‘
Bidirectional 4mA
10k
Ω to GND
029
M3
D10
‘
Bidirectional 4mA
10k
Ω to GND
030
N4
D11
Data 11
Bidirectional 4mA
10k
Ω to GND
031
M4
Vsso
I/O GND
GND
032
N5
D12
Data 12
Bidirectional 4mA
10k
Ω to GND
033
L3
D13
‘
Bidirectional 4mA
10k
Ω to GND
034
M5
D14
‘
Bidirectional 4mA
10k
Ω to GND
035
N6
D15
‘
Bidirectional 4mA
10k
Ω to GND
036
M6
D16
‘
Bidirectional 4mA
10k
Ω to GND
037
N7
D17
Data 17
Bidirectional 4mA
10k
Ω to GND
038
L5
Vssc
Core GND
GND
039
M7
Vddc
Core supply voltage
Vddc
040
L6
Vddo
I/O supply voltage
Vddo
041
M8
D18
Data 18
Bidirectional 4mA
10k
Ω to GND
042
N9
D19
‘
Bidirectional 4mA
10k
Ω to GND
043
L7
D20
‘
Bidirectional 4mA
10k
Ω to GND
044
M9
D21
‘
Bidirectional 4mA
10k
Ω to GND
045
L8
D22
‘
Bidirectional 4mA
10k
Ω to GND
046
M10
D23
Data 23
Bidirectional 4mA
10k
Ω to GND
047
L9
Vsso
I/O GND
048
M11
D24
Data 24
Bidirectional 4mA
10k
Ω to GND
049
N12
D25
‘
Bidirectional 4mA
10k
Ω to GND
050
L10
D26
‘
Bidirectional 4mA
10k
Ω to GND
051
M13
D27
Data 27
Bidirectional 4mA
10k
Ω to GND
052
N13
EF1
Interface FIFO 1 empty flag, active HIGH
Output 4mA
053
L13
EF2
Interface FIFO 2 empty flag, active HIGH
Output 4mA
054
L12
Vddo
I/O supply voltage
Vddo
055
L11
Vsso
I/O GND
GND
056
K13
RefClk
Input reference clock
TTL input
057
K12
LF1
Interface FIFO 1 load flag, active HIGH ∗
Output 1mA
058
K11
LF2
Interface FIFO 2 load flag, active HIGH ∗
Output 1mA
059
J13
IrFlag
Interrupt flag, active HIGH
Output 1mA
060
J12
ErrFlag
Error flag, active HIGH
Output 1mA
061
H13
Tstop8
TTL input ‚Stop8’
TTL input
(10k
Ω to GND)
062
H12
Vssc
Core GND
GND
063
H11
OEN
Output enable, active LOW
TTL input
(10k
Ω to Vddo)
∗
Valid only whileF13 it is not read
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com