Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDC-GPX Datasheet(PDF) 4 Page - ams AG

Part # TDC-GPX
Description  Ultra-high Performance 8 Channel Time- to-Digital Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GPX Datasheet(HTML) 4 Page - ams AG

  TDC-GPX Datasheet HTML 1Page - ams AG TDC-GPX Datasheet HTML 2Page - ams AG TDC-GPX Datasheet HTML 3Page - ams AG TDC-GPX Datasheet HTML 4Page - ams AG TDC-GPX Datasheet HTML 5Page - ams AG TDC-GPX Datasheet HTML 6Page - ams AG TDC-GPX Datasheet HTML 7Page - ams AG TDC-GPX Datasheet HTML 8Page - ams AG TDC-GPX Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
TDC-GPX
acam-messelectronic gmbh - Am Hasenbiel 27 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
3
1. Introduction
1.1 System overview
TQFP100
TFBGA120
I-Mode
8 channels with typ. 81 ps resolution
9 LVTTL inputs, optional 3 LVPECL
inputs
5.5 ns pulse-pair resolution with
32-fold multi-hit capability = 182 MHz
peak rate
Trigger to rising or falling edge
Measurement range 9,8 µs
, endless
measurement range by internal
retrigger of START
10 MHz continuous rate per channel
40 MHz continuous rate per chip
G-Mode
2 channels with 40 ps resolution
Differential LVPECL inputs, optional LVTTL
Measurement range 0 ns to 65 µs
5.5 ns pulse-pair resolution between edges of
equal slope with 32-fold multi-hit = 182 MHz peak
rate
Minimum pulse width 1.5 ns
Trigger to rising and falling edge
Optional Quiet Mode (no ALU operation and Data-
output during measurements)
20 MHz continuous rate per channel
40 MHz continuous rate per chip
R-Mode
2 channels with 27 ps resolution
Differential LVPECL inputs, optional LVTTL
Measurement range 0 µs up to
40 µs
5.5 ns pulse-pair resolution with 32-fold multi-hit
capability = 182 MHz peak rate
Trigger to rising or falling edge
Optional Quiet Mode (no ALU operation and Data-
output during measurements)
40 MHz continuous rate per channel
40 MHz continuous rate per chip
M-Mode
2 channels with 10 ps resolution
(70 ps peak-peak)
Differential LVPECL inputs
Measurement range 0 ns up to 10 µs
Single hit per Start and channel
Trigger to rising or falling edge
Quiet Mode (no ALU operation and Data-output
during measurements)
Max. 500 kHz continuous rate per channel
Max. 1 MHz continuous rate per chip
General
Start retrigger option (besides M-Mode)
Packages: TQFP100, TFBGA120
IO voltage 3.0 V – 3.6 V
Core voltage 2.3 V – 3.6 V regulated by resolution
adjust unit
Data bus: 28 Bit or 2 x 16 Bit asynchronous with
Chipselect, Readstrobe, Writestrobe
40 MHz continuous rate per chip
Address range: 4 Bit
DStart
TStart
DStop1 DStop2
TStop1 TStop2 TStop3 TStop4 TStop5 TStop6 TStop7 TStop8
LVPECL inputs
LVTTL inputs
Input Logic
Measurement Core
0
1
2
3
4
5
6
7
8
Hit FIFOs
Start
Logic
Post-processing
Interface FIFO1
Interface FIFO2
Data multiplexer
Read/Write logic
Configuration
registers
MTimer
Int and Error
flags
Data bus 28 or 2 x 16
WRN
RDN
CSN
ADR
OEN/
Reset
PLL
ErrFlag
40 MHz
ref
Phase
AluTrigger/
Reset
Power-on
reset
StartDis
StopDis
EF1
EF2
LF1
LF2
IntFlag
Master
reset
Partial
reset
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com