Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDC-GPX Datasheet(PDF) 18 Page - ams AG

Part # TDC-GPX
Description  Ultra-high Performance 8 Channel Time- to-Digital Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GPX Datasheet(HTML) 18 Page - ams AG

Back Button TDC-GPX Datasheet HTML 14Page - ams AG TDC-GPX Datasheet HTML 15Page - ams AG TDC-GPX Datasheet HTML 16Page - ams AG TDC-GPX Datasheet HTML 17Page - ams AG TDC-GPX Datasheet HTML 18Page - ams AG TDC-GPX Datasheet HTML 19Page - ams AG TDC-GPX Datasheet HTML 20Page - ams AG TDC-GPX Datasheet HTML 21Page - ams AG TDC-GPX Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
TDC-GPX
acam-messelectronic gmbh - Am Hasenbiel 27 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
17
1.7 Register settings
In depends on the operating mode whether bits are relevant or not. Especially the read data structure depends on
the operating mode.
1.7.1 Write Registers
Service bits are for acam testing and security purposes only, Please use the recommended values.
These registers can also be read back.
Register 0: Adr = 0
I
G
R
M
0
ROsc
‘1’ = start ring oscillator
x
x
x
x
1
RiseEn0
‘1’ enable rising edge sensitivity on DStart input
x
x
x
2
FallEn0
‘1’ enable falling edge sensitivity on DStart input
x
x
x
3
RiseEn1
‘1’ enable rising edge sensitivity on DStop1 input
x
x
x
4
FallEn1
‘1’ enable falling edge sensitivity on DStop1 input
x
x
x
5
RiseEn2
‘1’ enable rising edge sensitivity on DStop2 input
x
x
x
6
FallEn2
‘1’ enable falling edge sensitivity on DStop2 input
x
x
x
7 – 9
HQSel
Service bits, must be set to ‘001’
x
x
x
x
10 – 18
TRiseEn
‘1’ enables rising edges for the TTL inputs
Bit 10 = TStart, Bit 11 = TStop1 … Bit 18 = TStop8
x
19 – 27
TFallEn
‘1’ enables falling edges for the TTL inputs
Bit 19 = TStart, Bit 20 = TStop1 … Bit 27 = TStop8
x
Register 1: Adr = 1
I
G
R
M
0 – 3
Adj0
Channel adjustment bits channel 0 (Start)
x
x
x
4 – 7
Adj1
Channel adjustment bits channel 1 (R-Mode = 2, G-Mode = 0)
x
x
x
8 – 11
Adj2
Channel adjustment bits channel 2 (R-Mode = 6, G-Mode = 5)
x
x
x
12 – 15
Adj3
Channel adjustment bits channel 3 (R-Mode = 0, G-Mode = 0)
x
x
x
16 – 19
Adj4
Channel adjustment bits channel 4 (R-Mode = 2, G-Mode = 5)
x
x
x
20 – 23
Adj5
Channel adjustment bits channel 5 (R-Mode = 6, G-Mode = 0)
x
x
x
24 – 27
Adj6
Channel adjustment bits channel 6 (R-Mode = 0, G-Mode = 5)
x
x
x
Adjustment bits recommendation:
R-Mode: Adj1 = Adj4 = Adj7 = 2, Adj 2 = Adj 8 = 6, Adj5 = 6
G-Mode: Adj2 = Adj4 = Adj6 = Adj8 = 5.
Register 2: Adr = 2
I
G
R
M
0
G-Mode
‘1’ = switch on G-Mode
x
1
I-Mode
‘1’ = switch on I-Mode
x
2
R-Mode
‘1’ = switch on R-Mode
x
x
3 – 11
Disable
‘1’ = disable channel
Bit 3 = channel 0 (Start) … Bit 11 = channel 8
x
x
x
x
12 – 15
Adj7
Channel adjustment bits channel 7 (R-Mode = 2, G-Mode = 0)
x
x
x
16 – 19
Adj8
Channel adjustment bits channel 8 (R-Mode = 6, G-Mode = 5)
x
x
x
20 – 21
DelRise1
Service bits, set ‘0’
x
x
22 – 23
DelFall1
Service bits, set ‘0’
x
x
24 – 25
DelRise2
Service bits, set ‘0’
x
x
26 – 27
DelFall2
Service bits, set ‘0’
x
x
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com