Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDC-GPX Datasheet(PDF) 14 Page - ams AG

Part # TDC-GPX
Description  Ultra-high Performance 8 Channel Time- to-Digital Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GPX Datasheet(HTML) 14 Page - ams AG

Back Button TDC-GPX Datasheet HTML 10Page - ams AG TDC-GPX Datasheet HTML 11Page - ams AG TDC-GPX Datasheet HTML 12Page - ams AG TDC-GPX Datasheet HTML 13Page - ams AG TDC-GPX Datasheet HTML 14Page - ams AG TDC-GPX Datasheet HTML 15Page - ams AG TDC-GPX Datasheet HTML 16Page - ams AG TDC-GPX Datasheet HTML 17Page - ams AG TDC-GPX Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
TDC-GPX
acam-messelectronic gmbh - Am Hasenbiel 27 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
13
064
G11
Test
acam test input, connect it to GND !
TTL input
GND
065
F13
Vsso
I/O GND
GND
066
F12
Tstop7
TTL input ‚Stop7’
TTL input
(10k
Ω to GND)
067
F11
PuResN
Power-up reset, low active
TTL input
068
E13
Vssc
Core GND
GND
069
E12
Vddc
Core supply voltage
Vddc
070
D12
Tstop6
TTL input ‘Stop6’
TTL input
(10k
Ω to GND)
071
D13
Adr3
Address 3
TTL input
072
E11
Adr2
Address 2
TTL input
073
C13
Adr1
Address 1
TTL input
074
C12
Adr0
Address 0
TTL input
075
D11
AluTrigger
External ALU trigger
TTL input
(10k
Ω to GND)
076
C11
Tstop5
TTL input ‘Stop5’
TTL input
(10k
Ω to GND)
077
A11
Vddo
I/O supply voltage
Vddo
078
C10
Vssc
Core GND
GND
079
B10
Vddc
Core supply voltage
Vddc
080
C9
Tstart
TTL input ‘Start’
TTL input
(10k
Ω to GND)
081
B9
Vdde
LVPECL supply voltage
Vdde
082
A9
Vdde
LVPECL supply voltage
Vdde
083
B8
DStop2N
Differential input ‘Stop2’ , neg
Differential input
(10k
Ω to GND)
084
A8
DStop2
Differential input ‘Stop2’ , pos
Differential input
(10k
Ω to GND)
085
C7
Vsse
LVPECL GND
GND
086
B7
Vdde
LVPECL supply voltage
Vdde
087
A7
Vddc-h
Hardmacro supply voltage
Vddc-h
088
C6
Vddc-o
Hardmacro supply voltage
Vddc-o
089
B6
Vssc-o
Hardmacro GND
GND
090
A6
Vssc-h
Hardmacro GND
GND
091
C5
Vdde
LVPECL supply voltage
Vdde
092
B5
DStartN
Differential input ‘Start’ , neg
Differential input
(10k
Ω to GND)
093
A5
DStart
Differential input ‘Start’ , pos
Differential input
(10k
Ω to GND)
094
C4
Vdde
LVPECL supply voltage
Vdde
095
B4
Vsse
LVPECL GND
GND
096
A4
Dstop1N
Differential input ‘Stop1’ , neg
Differential input
(10k
Ω to GND)
097
B3
Dstop1
Differential input ‘Stop1’ , pos
Differential input
(10k
Ω to GND)
098
A3
Vdde
LVPECL supply voltage
Vdde
099
B2
TStop1
TTL input ‘Stop1’
TTL input
(10k
Ω to GND)
100
A2
Vsso
I/O GND
GND
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com