Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG49037 Datasheet(PDF) 67 Page - ams AG

Part # TMG49037
Description  Gesture, Color and Proximity Sensor Module with mobeam Barcode Emulation and IR Remote Control
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMG49037 Datasheet(HTML) 67 Page - ams AG

Back Button TMG49037 Datasheet HTML 63Page - ams AG TMG49037 Datasheet HTML 64Page - ams AG TMG49037 Datasheet HTML 65Page - ams AG TMG49037 Datasheet HTML 66Page - ams AG TMG49037 Datasheet HTML 67Page - ams AG TMG49037 Datasheet HTML 68Page - ams AG TMG49037 Datasheet HTML 69Page - ams AG TMG49037 Datasheet HTML 70Page - ams AG TMG49037 Datasheet HTML 71Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 104 page
background image
ams Datasheet
Page 67
[v1-02] 2015-May-14
Document Feedback
TMG4903 − Register Description
Calibration Status Register (CALIBSTAT 0xDC)
Figure 78:
Calibration Status Register
76
54
3
2
1
0
Reserved
ZERO_
DETECTED
BASELINE_
ADJUSTED
OFFSET_
ADJUSTED
CALIB_
FINISHED
Field
Bits
Description
Reserved
7:4
Reserved.
ZERO_DETECTED
3
Zero Detected. Indicates that zeroes are being detected in
proximity or gesture often enough to exceed the ZERO_WEIGHT
conditions. Recalibration is recommended. Bit generates interrupt if
CIEN is asserted. To prevent interrupt, set ZERO_WEIGHT to zero.
Clear this bit by writing ‘1’ to it.
BASELINE_ADJUSTED
2
Proximity/Gesture Baseline Adjusted. Indicates that the
proximity baseline, PBSLN, has changed. This may occur in two
ways:
During DC averaging at calibration, if DCAVG_AUTO_BASELINE is
asserted (independent of actual value).
During regular proximity/gesture operation if
DCAVG_AUTO_BASELINE is set and a new PBSLN_MEAS value is
collected that is lower than previous PBSLN).
Bit generates interrupt if CIEN is asserted. To prevent interrupt, set
DCAVG_AUTO_BASELINE and PXDCAVG_AUTO_BASELINE to zero.
Clear bit by writing '1' to it or by writing '1' to INTCLEAR_CINT.
OFFSET_ADJUSTED
1
Proximity/Gesture Offset Adjusted. Indicates that one or more
proximity/gesture offset register values were automatically
adjusted. Bit generates interrupt if CIEN is asserted. To prevent
interrupt, set DCAVG_AUTO_OFFSET_ADJUST and
PROX_AUTO_OFFSET_ADJUST to zero. Clear bit by writing '1' to it.
CALIB_FINISHED
0
Calibration Finished. Indicates that calibration is complete. Bit
generates interrupt if CIEN is asserted. Clear bit by writing '1' to it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com