Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG49037 Datasheet(PDF) 74 Page - ams AG

Part # TMG49037
Description  Gesture, Color and Proximity Sensor Module with mobeam Barcode Emulation and IR Remote Control
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMG49037 Datasheet(HTML) 74 Page - ams AG

Back Button TMG49037 Datasheet HTML 70Page - ams AG TMG49037 Datasheet HTML 71Page - ams AG TMG49037 Datasheet HTML 72Page - ams AG TMG49037 Datasheet HTML 73Page - ams AG TMG49037 Datasheet HTML 74Page - ams AG TMG49037 Datasheet HTML 75Page - ams AG TMG49037 Datasheet HTML 76Page - ams AG TMG49037 Datasheet HTML 77Page - ams AG TMG49037 Datasheet HTML 78Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 104 page
background image
Page 74
ams Datasheet
Document Feedback
[v1-02] 2015-May-14
TMG4903 − Application Information
Remote Control
General Description of RC Functionality
The TMG4903 is equipped with Remote Control functionality
which is used to generate and transmit patterns over IR for
electronic equipment (E.g. television, DVD, or audio receiver).
Virtually all protocols can be accommodated by the specialized
architecture of the Remote Control engine. The engine contains
256 bytes of pattern RAM and controls for carrier frequency,
duty cycle and pattern repetition to easily create and broadcast
a complete command waveform. The command waveform is
output on a device pin allowing direct control of an external
transistor and LED (pull-up resistor required). The integrated
LED may also be used to output the IR waveform.
Detailed Descriptions of RC Functionality
Remote Control functionality uses a digital core that is
independent of the analog sensor operation. The logic internal
to the digital core is activated when IBEN=1. In this operational
mode the LDR pin is exclusively acquired; during this time
sensor functionality will not operate.
Most of the functional engines are controlled by dedicated
registers; however, some devices use a “shared register”
scheme. For example, this device uses address space: 0xA0 to
0xAF to also control mobeam operation. Because each
functional block serves a different purpose and utilizes
common on-chip resources, only one may be activated at a
time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com