Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG49037 Datasheet(PDF) 11 Page - ams AG

Part # TMG49037
Description  Gesture, Color and Proximity Sensor Module with mobeam Barcode Emulation and IR Remote Control
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMG49037 Datasheet(HTML) 11 Page - ams AG

Back Button TMG49037 Datasheet HTML 7Page - ams AG TMG49037 Datasheet HTML 8Page - ams AG TMG49037 Datasheet HTML 9Page - ams AG TMG49037 Datasheet HTML 10Page - ams AG TMG49037 Datasheet HTML 11Page - ams AG TMG49037 Datasheet HTML 12Page - ams AG TMG49037 Datasheet HTML 13Page - ams AG TMG49037 Datasheet HTML 14Page - ams AG TMG49037 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 104 page
background image
ams Datasheet
Page 11
[v1-02] 2015-May-14
Document Feedback
TMG4903 − Timing Characteristics
Figure 14:
AC Electrical Characteristics, VDD = 1.8 V, TA = 25ºC (unless otherwise noted)
Note(s) and/or Footnote(s):
1. Specified by design and characterization; not production tested.
Timing Diagram
Figure 15:
Timing Parameter Measurement Drawing
Parameter
Description
Min
Typ
Max
Unit
fSCL
(1)
Clock frequency (I²C only)
0
400
kHz
tBUF
(1)
Bus free time between start and stop condition
1.3
μs
tHS;STA
(1)
Hold time after (repeated) start condition.
After this period, the first clock is generated.
0.6
μs
tSU;STA
(1)
Repeated start condition setup time
0.6
μs
tSU;STO
(1)
Stop condition setup time
0.6
μs
tHD;DAT
(1)
Data hold time
0
ns
tSU;DAT
(1)
Data setup time
100
ns
tLOW
(1)
SCL clock low period
1.3
μs
tHIGH
(1)
SCL clock high period
0.6
μs
tF
(1)
Clock/data fall time
300
ns
tR
(1)
Clock/data rise time
300
ns
Ci
(1)
Input pin capacitance
10
pF
Timing Characteristics
START
START
STOP
STOP
tBUF
tLOW
tHD; STA
tR
tF
VIH
VIL
VIH
VIL
tSU; DAT
tSU; STA
tHD; DAT
tHIGH
tSU; STO
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com