Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG49037 Datasheet(PDF) 39 Page - ams AG

Part # TMG49037
Description  Gesture, Color and Proximity Sensor Module with mobeam Barcode Emulation and IR Remote Control
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMG49037 Datasheet(HTML) 39 Page - ams AG

Back Button TMG49037 Datasheet HTML 35Page - ams AG TMG49037 Datasheet HTML 36Page - ams AG TMG49037 Datasheet HTML 37Page - ams AG TMG49037 Datasheet HTML 38Page - ams AG TMG49037 Datasheet HTML 39Page - ams AG TMG49037 Datasheet HTML 40Page - ams AG TMG49037 Datasheet HTML 41Page - ams AG TMG49037 Datasheet HTML 42Page - ams AG TMG49037 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 104 page
background image
ams Datasheet
Page 39
[v1-02] 2015-May-14
Document Feedback
TMG4903 − Register Description
Proximity Data Registers (0x9C – 0x9D)
Proximity data is stored as a 14-bit value (two bytes).
Proximity detection uses an Automatic Pulse Control (APC)
mechanism that adjusts the number of pulses per measurement
based on the magnitude of the reflected IR signal. As the
magnitude of the signal increases, the number of pulses
decreases. Proximity detection uses a 10-bit ADC that is
extended to a 14-bit dynamic range for PDATA using the
following formula:
PDATA = ADCvalue x (16 / proximity pulses)
PDATA is the average response of the non-masked proximity
photodiodes. If one or more photodiodes are masked
(CFG2 register 0x9F), the proximity response will remain the
same since it is an average of the active photodiodes. PDATA is
therefore proportional to the reflected energy per pulse,
independent of the number of pulses used.
Figure 43:
Proximity Data Register
Field
Register
Bits
Description
PDATA
0x9C
7:0
Proximity data low byte
0x9D
13:8
Proximity data high byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com