Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL9901FDF-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AL9901FDF-13
Description  UNIVERSAL HIGH VOLTAGE LED DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9901FDF-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  AL9901FDF-13 Datasheet HTML 1Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 2Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 3Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 4Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 5Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 6Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 7Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 8Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AL9901
Document number: DS37713 Rev. 1 - 2
5 of 20
www.diodes.com
March 2015
© Diodes Incorporated
AL9901
Internal MOSFET Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 9)
Drain-Source Breakdown Voltage
BVDSS
650
—
—
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
—
—
1
µA
VDS = 650V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±30V, VDS = 0V
ON CHARACTERISTICS (Note 9)
Gate Threshold Voltage
VGS(th)
3
—
5
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS (ON)
—
4
5
VGS = 10V, ID = 1A
Diode Forward Voltage
VSD
—
0.7
1
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 10)
Input Capacitance
Ciss
—
479
—
pF
VDS = 25V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
—
29
—
pF
Reverse Transfer Capacitance
Crss
—
1.9
—
pF
Gate Resistance
Rg
—
2
—
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
—
14
—
nC
VDS = 520V, VGS = 10V,
ID = 2A
Gate-Source Charge
Qgs
—
2.5
—
nC
Gate-Drain Charge
Qgd
—
7.3
—
nC
Turn-On Delay Time
tD(on)
—
17
—
ns
VDS = 325V, VGS = 10V,
RG = 25 , ID = 2.5A
Turn-On Rise Time
tr
—
33
—
ns
Turn-Off Delay Time
tD(off)
—
31
—
ns
Turn-Off Fall Time
tf
—
25
—
ns
Body Diode Reverse Recovery Time
trr
—
174
—
ns
VDS = 100V, IF = 2A,
di/dt = 100A/µs
Body Diode Reverse Recovery Charge
Qrr
—
884
—
nC
Notes:
9. Short duration pulse test used to minimize self-heating effect.
10. Guaranteed by design. Not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com