Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL9901FDF-13 Datasheet(PDF) 17 Page - Diodes Incorporated

Part # AL9901FDF-13
Description  UNIVERSAL HIGH VOLTAGE LED DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9901FDF-13 Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button AL9901FDF-13 Datasheet HTML 12Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 13Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 14Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 15Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 16Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 17Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 18Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 19Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 20Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AL9901
Document number: DS37713 Rev. 1 - 2
17 of 20
www.diodes.com
March 2015
© Diodes Incorporated
AL9901
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
(1)
U-DFN6040-12
(2)
SO-16
U-DFN6040-12
Dim Min
Max
Typ
A
0.55
0.65
0.60
A1
0
0.05
0.02
A3
-
-
0.15
b
0.35
0.45
0.40
D
5.95
6.05
6.00
D1
1.95
2.15
2.05
D2
2.35
2.55
2.45
e
-
-
1.00
E
3.95
4.05
4.00
E1
2.10
2.30
2.20
E2
1.80
2.00
1.90
L
0.35
0.45
0.40
Z
-
-
0.30
All Dimensions in mm
SO-16
Dim
Min
Max
A
1.40
1.75
A1
0.10
0.25
A2
1.30
1.50
B
0.33
0.51
C
0.19
0.25
D
9.80
10.00
E
3.80
4.00
e
1.27 Typ
H
5.80
6.20
L
0.38
1.27
θ
θ
θ
θ
0°
8°
All Dimensions in mm
A3
A1
Seating Plane
D
E
e
L
b
Z
A
D1
E1
D2
E2
D
E
H
L
A2
B
e
A1
A
C
Detail ‘A’
Detail ‘A’
Gauge Plane
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com