Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL9901FDF-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL9901FDF-13
Description  UNIVERSAL HIGH VOLTAGE LED DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9901FDF-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  AL9901FDF-13 Datasheet HTML 1Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 2Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 3Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 4Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 5Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 6Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 7Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 8Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AL9901
Document number: DS37713 Rev. 1 - 2
3 of 20
www.diodes.com
March 2015
© Diodes Incorporated
AL9901
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Ratings
Unit
VIN(MAX)
Maximum Input Voltage, VIN, to GND
-0.5 to +520
V
VCS
Maximum CS Input Pin voltage Relative to GND
-0.3 to +0.45
V
VLD
Maximum LD Input Pin Voltage Relative to GND
-0.3 to (VDD +0.3)
V
VPWM_D
Maximum PWM_D input Pin Voltage Relative to GND
-0.3 to (VDD +0.3)
V
VSW
Maximum MOSFET Drain Pin Voltage Relative to GND
-0.5 to +650
V
VSO
Maximum MOSFET Source Pin Voltage Relative to GND
-0.5 to (VDD +0.3)
V
VGate
Maximum MOSFET GATE pin Voltage Relative to GND
-0.5 to (VDD +0.3)
V
VDD(MAX)
Maximum VDD Pin Voltage Relative to GND
8.1
V
PDIS
Continuous Power Dissipation (TA = +25°C)
-
-
-
U-DFN6040-12 (derate 10mW/°C above +25°C)
1,000
mW
TJ
Junction Temperature Range
+150
°C
TST
Storage Temperature Range
-65 to +150
°C
ESD HBM
Human Body Model ESD Protection (Note 5)
2,000
V
Notes:
4. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional
operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
All voltages are with respect to Ground. Currents are positive into, negative out of the specified terminal.
5. Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when handling
and transporting these devices
Maximum Ratings of Internal MOSFET (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
650
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current (Note 5) VGS = 10V
Steady
State
TC = +25°C
ID
1.6
1
A
TC = +100°C
Pulsed Drain Current (Note 6)
IDM
3
A
Avalanche Current (Note 7) VDD = 100V, VGS = 10V, L = 60mH
IAR
0.8
A
Repetitive Avalanche Energy (Note 7) VDD = 100V, VGS = 10V, L = 60mH
EAR
22
mJ
Peak Diode Recovery
dv/dt
5
V/ns
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VINDC
Input DC Supply Voltage Range
15
500
V
TA
Ambient Temperature Range (U-DFN6040-12)
-40
+105
°C
TA
Ambient Temperature Range (SO-16)
-40
+85
-
ISW
Switch Pin Output Current
-
0.4
A
VDD
Maximum Recommended Voltage Applied to VDD Pin (Note 6)
-
8.1
V
VEN(lo)
Pin PWM_D Input Low Voltage
0
1
V
VEN(hi)
Pin PWM_D Input High Voltage
2.4
VDD
Note:
6. When using the AL9901 in isolated LED lamps, an auxiliary winding might be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com