Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL9901FDF-13 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AL9901FDF-13
Description  UNIVERSAL HIGH VOLTAGE LED DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9901FDF-13 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AL9901FDF-13 Datasheet HTML 12Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 13Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 14Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 15Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 16Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 17Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 18Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 19Page - Diodes Incorporated AL9901FDF-13 Datasheet HTML 20Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AL9901
Document number: DS37713 Rev. 1 - 2
16 of 20
www.diodes.com
March 2015
© Diodes Incorporated
AL9901
Ordering Information
Part Number
VCS Tolerance
Package Code
Packaging
13” Tape and Reel
Quantity
Part Number Suffix
AL9901FDF-13
±5%
FDF
U-DFN6040-12
3,000/Tape & Reel
-13
AL9901S16-13
±5%
S16
SO-16
2,500/Tape & Reel
-13
Marking Information
PKG
P/N
Marking Code
SOIC-16L
AL9901S16-13
AL9901
DFN6040-12
AL9901FDF-13
AL9901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com