Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3790 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP3790
Description  PUMP EXPRESSTM COMPATIBLE AC/DC PSR CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3790 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP3790 Datasheet HTML 5Page - Diodes Incorporated AP3790 Datasheet HTML 6Page - Diodes Incorporated AP3790 Datasheet HTML 7Page - Diodes Incorporated AP3790 Datasheet HTML 8Page - Diodes Incorporated AP3790 Datasheet HTML 9Page - Diodes Incorporated AP3790 Datasheet HTML 10Page - Diodes Incorporated AP3790 Datasheet HTML 11Page - Diodes Incorporated AP3790 Datasheet HTML 12Page - Diodes Incorporated AP3790 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AP3790
Document number: DS37221 Rev. 3 - 2
9 of 17
www.diodes.com
October 2014
© Diodes Incorporated
AP3790
A Product Line of
Diodes Incorporated
Operation Principle Description (Cont.)
IOMAX
VCS_L
VCS_M
VCS_H
Light Load
Medium Load
High Load
VCS_REF
IOMAX
fsw
22kHz
2kHz
60kHz
37%
4%
100%
12kHz
4kHz
Figure 4. Multiple Segment Peak Current at CV Mode
It can be seen from Figure 4, with multiple segment peak current control, AP3790 power system can get the good audible noise performance.
Leading Edge Blanking (LEB) Time
When the power switch is turned on, a turn-on spike will occur on the sense-resistor. To avoid false turn off switch, a 500ns leading-edge
blanking is built in. During this blanking time, the current sense comparator is disabled and the external power switch cannot be turned off.
Furthermore, because of multiple segment peak current design, the required maximum on time tONP changes with different load condition.
Therefore the LEB time parameter also changes with different load condition.
Adjustable Line Compensation and Fixed Cable Compensation
The AP3790 power system can adjust line compensation by changing the upper resistor at FB pin. The line compensation capability is
increased by decreasing the resistance of the upper FB resistor.
Cable compensation is fixed in AP3790.
Valley Turn-on
When the off time (tOFF) is lower than 32s, AP3790 power system can work with valley turn on. It can reduce BJT switching on power losses
which is result from the equivalent output capacitance. At the same time, because of valley turn on the switching frequency has the random jitter
feature, which will be benefit for conductive EMI performance. And valley turn on can also reduce the power switch turn on spike current and
then result in the better radiative EMI performance.
Frequency Jitter
Even though the valley turn on function can lead the random frequency jitter feature, an active frequency jitter function is added to AP3790 to
ensure the frequency jitter performance in the whole loading condition. By adjusting the VCS_REF with deviation of 3.0% in a random pulse
sequence, the active frequency jitter can be realized with 256
μs repetitive cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com