Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3790 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP3790
Description  PUMP EXPRESSTM COMPATIBLE AC/DC PSR CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3790 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP3790 Datasheet HTML 7Page - Diodes Incorporated AP3790 Datasheet HTML 8Page - Diodes Incorporated AP3790 Datasheet HTML 9Page - Diodes Incorporated AP3790 Datasheet HTML 10Page - Diodes Incorporated AP3790 Datasheet HTML 11Page - Diodes Incorporated AP3790 Datasheet HTML 12Page - Diodes Incorporated AP3790 Datasheet HTML 13Page - Diodes Incorporated AP3790 Datasheet HTML 14Page - Diodes Incorporated AP3790 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AP3790
Document number: DS37221 Rev. 3 - 2
11 of 17
www.diodes.com
October 2014
© Diodes Incorporated
AP3790
A Product Line of
Diodes Incorporated
Operation Principle Description (Cont.)
CCM Protection
The AP3790 is designed to operate in discontinuous conduction mode (DCM) in both CV and CC modes. To avoid operating in continuous
conduction mode (CCM), the AP3790 detects the falling edge of the FB input voltage on each cycle. If a 0V falling edge of FB is not detected,
the AP3790 stops working.
OVP & OCkP
The AP3790 includes output over-voltage protection (OVP) and open circuit protection (OCkP) circuitry. If the voltage at FB pin exceeds 7.5V,
90% above the normal detection voltage, or the 0V falling edge of the FB input can’t be monitored, the AP3790 immediately shuts down and
keeps the internal circuitry enabled to discharge the VCC capacitor to the UVLO turn-off threshold. After that, the device returns to the start
state and a start-up sequence ensues.
Short Circuit Protection (SCP)
Short Circuit Protection (SCP) detection principle is similar to the normal output voltage feedback detection by sensing FB pin voltage. When
the detected FB pin voltage is below VFB(SCP) for a duration of about tSCP, the SCP is triggered. Then the AP3790 enters hiccup mode that the
IC immediately shuts down and then restarts, so that the VCC voltage changes between VTH_ST and UVLO threshold until VFB(SCP) condition is
removed.
As to the normal system startup, the time duration of FB pin voltage below VFB(SCP) should be less than tSCP to avoid entering SCP mode. But
for the output short condition or the output voltage below a certain level, the SCP mode should happen.
Figure 8 is the AP3790 normal start-up waveform that the voltage of FB pin is above VFB(SCP) during tSCP after VCC gets to the VTH_ST, which
doesn
’t enter the SCP mode. As shown in Figure 9, V
OUT is short and the voltage of FB pin is lower than VFB(SCP) over than tSCP, the AP3790
triggers the SCP and enters the hiccup mode.
VTH_ST
VFB(SCP)
tSCP
VCC
VFB
VOUT
VOUT(SCP)
5V
Figure 8. Normal Start-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com