Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3790 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3790
Description  PUMP EXPRESSTM COMPATIBLE AC/DC PSR CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3790 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3790 Datasheet HTML 1Page - Diodes Incorporated AP3790 Datasheet HTML 2Page - Diodes Incorporated AP3790 Datasheet HTML 3Page - Diodes Incorporated AP3790 Datasheet HTML 4Page - Diodes Incorporated AP3790 Datasheet HTML 5Page - Diodes Incorporated AP3790 Datasheet HTML 6Page - Diodes Incorporated AP3790 Datasheet HTML 7Page - Diodes Incorporated AP3790 Datasheet HTML 8Page - Diodes Incorporated AP3790 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AP3790
Document number: DS37221 Rev. 3 - 2
2 of 17
www.diodes.com
October 2014
© Diodes Incorporated
AP3790
A Product Line of
Diodes Incorporated
Typical Applications Circuit
+
C1
FR1
+
C2
L1
TR1
D1
+
FB
R13
OUT
VCC
R2
R14
AP3790
CPC
GND
C6
R3
R4
Q1
5V/1A
C3
D4~D7
L2
R12
C7
D2
+
C4
D3
C5
R11
CS
R1
R10
2
1
5
3
7
4
6
8
Pin Descriptions
Pin Number
Pin Name
Function
1
CPC
A capacitor is connected to this pin to form a low pass filter for cable voltage drop
compensation, audio noise suppression and detecting the patterns of load current to
change the output voltage and current
2
GND
The ground of the controller
3
FB
The CV and CC regulation are realized base on the voltage sampling of this pin
4
VCC
VCC supply pin for the controller. A capacitor with low ESR should be placed as
close as possible to this pin
5
CS
Current senses pin of IC. The CS pin will turn off the power transistor when the CS
pin voltage reaches turn off threshold.
7
OUT
The OUT pin is used to drive the external power transistor
6, 8
NC
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com