Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3790 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3790
Description  PUMP EXPRESSTM COMPATIBLE AC/DC PSR CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3790 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3790 Datasheet HTML 1Page - Diodes Incorporated AP3790 Datasheet HTML 2Page - Diodes Incorporated AP3790 Datasheet HTML 3Page - Diodes Incorporated AP3790 Datasheet HTML 4Page - Diodes Incorporated AP3790 Datasheet HTML 5Page - Diodes Incorporated AP3790 Datasheet HTML 6Page - Diodes Incorporated AP3790 Datasheet HTML 7Page - Diodes Incorporated AP3790 Datasheet HTML 8Page - Diodes Incorporated AP3790 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AP3790
Document number: DS37221 Rev. 3 - 2
3 of 17
www.diodes.com
October 2014
© Diodes Incorporated
AP3790
A Product Line of
Diodes Incorporated
Functional Block Diagram
Regulator
&
Bias
OVP
OCkP
OTP
UVLO
Vally-on
and
Driver
FB
CS
VCC
OUT
GND
Constant Voltage Control
Cable Compensation
5
4
7
2
1
3
Constant Current
Control
Frequency Jitter
Pro
Line
Compensation
tONS
tONS Detection
VLOAD
RCS Short
SCP
tONS
Load
Detection
CPC
VLOAD
Output Voltage
Selection
5V~3.6V_select
5V~3.6V_select
5V~3.6V_select
tONS
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
-0.3 to 35
V
VCS, VCPC
Voltage on CS, CPC Pin
-0.3 to 7
V
VFB
FB Input Voltage
-0.3 to 8
V
ISOURCE
Source Current from OUT Pin
Internally Limited
A
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10 sec)
+300
°C
θJA
Thermal Resistance (Junction to Ambient)
165
°C/W
ESD
ESD (Human Body Model)
4000
V
ESD (Machine Model)
300
V
Note 4:
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com