Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7342 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP7342
Description  DUAL 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7342 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP7342 Datasheet HTML 5Page - Diodes Incorporated AP7342 Datasheet HTML 6Page - Diodes Incorporated AP7342 Datasheet HTML 7Page - Diodes Incorporated AP7342 Datasheet HTML 8Page - Diodes Incorporated AP7342 Datasheet HTML 9Page - Diodes Incorporated AP7342 Datasheet HTML 10Page - Diodes Incorporated AP7342 Datasheet HTML 11Page - Diodes Incorporated AP7342 Datasheet HTML 12Page - Diodes Incorporated AP7342 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AP7342
Document number: DS37614 Rev. 2 - 2
9 of 14
www.diodes.com
March 2015
© Diodes Incorporated
AP7342
Typical Characteristics (cont.)
Turn Off Waveform of Output Discharge versions (VIN=VOUT+1V, CIN=COUT1=COUT2=0.47µF, TA = +25°C)
Application Information
Output Capacitor
An output capacitor (COUT) is needed to improve transient response and maintain stability. The AP7342 is stable with very small ceramic output
capacitors. The ESR (Equivalent Series Resistance) and capacitance drives the selection. If the application has large load variations, it is
recommended to utilize low-ESR bulk capacitors. It is recommended to place ceramic capacitors as close as possible to the load and the GND pin
and care should be taken to reduce the impedance in the layout.
Input Capacitor
To prevent the input voltage from dropping during load steps, it is recommended to utilize an input capacitor (CIN). A minimum 0.47µF ceramic
capacitor is recommended between VIN and GND pin to decouple input power supply glitch. This input capacitor must be located as close as
possible to the device to assure input stability and reduce noise. For PCB layout, a wide copper trace is required for both VIN and GND pin.
Enable Control
The AP7342 is turned on by setting the EN pins high, and is turned off by pulling it low. If this feature is not used, the EN pins should be tied to VIN
pin to keep the regulator output on at all time. To ensure proper operation, the signal source used to drive the EN pins must be able to swing above
and below the specified turn-on/off voltage thresholds listed in the Electrical Characteristics section.
Short Circuit Protection
When VOUT pins are short-circuit to GND, short circuit protection will be triggered and clamp the output current to approximately 60mA. This feature
protects the regulator from overcurrent and damage due to overheating.
Layout Considerations
For good ground loop and stability, the input and output capacitors should be located close to the input, output, and GND pin of the device. The
regulator GND pin should be connected to the external circuit ground to reduce voltage drop caused by trace impedance. Ground plane is generally
used to reduce trace impedance. Wide trace should be used for large current paths from VIN to VOUT and load circuit.
2.8V
Time t (µs)
Output Voltage
CE Input Voltage
0
40
80
120
160
200
0
2
2
4
IOUT=0mA
IOUT=30mA
IOUT=150mA
0
4
1.8V
Time t (µs)
Output Voltage
CE Input Voltage
0
40
80
120
160
200
0
1
3
2
1
2
IOUT=0mA
IOUT=30mA
IOUT=150mA
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com