Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7342 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP7342
Description  DUAL 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7342 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP7342 Datasheet HTML 1Page - Diodes Incorporated AP7342 Datasheet HTML 2Page - Diodes Incorporated AP7342 Datasheet HTML 3Page - Diodes Incorporated AP7342 Datasheet HTML 4Page - Diodes Incorporated AP7342 Datasheet HTML 5Page - Diodes Incorporated AP7342 Datasheet HTML 6Page - Diodes Incorporated AP7342 Datasheet HTML 7Page - Diodes Incorporated AP7342 Datasheet HTML 8Page - Diodes Incorporated AP7342 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AP7342
Document number: DS37614 Rev. 2 - 2
3 of 14
www.diodes.com
March 2015
© Diodes Incorporated
AP7342
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.) (Note 4)
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
6.0
V
VEN
Input Voltage at EN Pins
6.0
V
VOUT
Output Voltage
-0.3 to VIN +0.3
V
IOUT
Output Current
180
mA
PD
Power Dissipation
600
mW
TA
Operating Ambient Temperature
-40 to +85
°C
TSTG
Storage Temperature
-55 to +125
°C
Note:
4. Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may
affect device reliability.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
1.7
5.25
V
IOUT
Output Current
0
150
mA
TA
Operating Ambient Temperature
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com