Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7342 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7342
Description  DUAL 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7342 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7342 Datasheet HTML 1Page - Diodes Incorporated AP7342 Datasheet HTML 2Page - Diodes Incorporated AP7342 Datasheet HTML 3Page - Diodes Incorporated AP7342 Datasheet HTML 4Page - Diodes Incorporated AP7342 Datasheet HTML 5Page - Diodes Incorporated AP7342 Datasheet HTML 6Page - Diodes Incorporated AP7342 Datasheet HTML 7Page - Diodes Incorporated AP7342 Datasheet HTML 8Page - Diodes Incorporated AP7342 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AP7342
Document number: DS37614 Rev. 2 - 2
1 of 14
www.diodes.com
March 2015
© Diodes Incorporated
AP7342
DUAL 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Description
The AP7342 is a dual low dropout regulator with high output voltage
accuracy, low RDSON, high PSRR, low output noise and low quiescent
current. This regulator is based on a CMOS process.
Each regulator includes a voltage reference, error amplifier, current
limit circuit and an enable input to turn on/off output. With the
integrated resistor network, fixed output voltage versions can be
delivered.
With its low power consumption and line and load transient response,
the AP7342 is well suited for low power handheld communication
equipment.
The AP7342 is packaged in X2-DFN1212-6 package and allows for
smallest footprint and dense PCB layout.
Features
•
Low VIN and Wide VIN Range: 1.7V to 5.25V
•
Guarantee Output Current: 150mA
•
VOUT Accuracy ±1%
•
Ripple Rejection: 75dB at 1kHz
•
Low Output Noise: 60µVrms from 10Hz to 100kHz
•
Quiescent Current as Low as 35µA
•
VOUT Fixed 1.2V to 3.6V
•
Totally Lead-Free & and Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free, Green Device (Note 3)
Pin Assignments
Applications
•
Smart Phone/PAD
•
RF Supply
•
Cameras
•
Portable Video
•
Portable Media Player
•
Wireless Adapter
•
Wireless Communication
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit


Similar Part No. - AP7342

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 2
AP7340-12FS4-7 DIODES-AP7340-12FS4-7 Datasheet
974Kb / 15P
150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 2
AP7340-15FS4-7 DIODES-AP7340-15FS4-7 Datasheet
974Kb / 15P
150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 2
AP7340-185FS4-7 DIODES-AP7340-185FS4-7 Datasheet
974Kb / 15P
150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 2
AP7340-18FS4-7 DIODES-AP7340-18FS4-7 Datasheet
974Kb / 15P
150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 2
More results

Similar Description - AP7342

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9016 INTERSIL-ISL9016 Datasheet
207Kb / 11P
150mA Dual LDO with Low Noise, High PSRR, and Low IQ
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 2
logo
Intersil Corporation
ISL9016IRUWCZ-T INTERSIL-ISL9016IRUWCZ-T Datasheet
464Kb / 11P
150mA Dual LDO with Low Noise, High PSRR, and Low IQ
May 16, 2011
logo
Diodes Incorporated
AP7315 DIODES-AP7315 Datasheet
643Kb / 23P
150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 1
AP7341 DIODES-AP7341 Datasheet
1Mb / 14P
300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 4
AP7344 DIODES-AP7344 Datasheet
920Kb / 15P
DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 1
logo
Renesas Technology Corp
ISL9016 RENESAS-ISL9016 Datasheet
558Kb / 11P
150mA Dual LDO with Low Noise, High PSRR, and Low IQ
logo
Diodes Incorporated
AP7315Q DIODES-AP7315Q Datasheet
637Kb / 12P
AUTOMOTIVE COMPLIANT 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
January 2021
AP7345D DIODES-AP7345D Datasheet
1Mb / 15P
DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
December 2018
logo
Renesas Technology Corp
ISL9016A RENESAS-ISL9016A Datasheet
753Kb / 11P
150mA Dual LDO with Low Noise, High PSRR and Low IQ
August 3, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com