Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7342 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7342
Description  DUAL 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7342 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7342 Datasheet HTML 1Page - Diodes Incorporated AP7342 Datasheet HTML 2Page - Diodes Incorporated AP7342 Datasheet HTML 3Page - Diodes Incorporated AP7342 Datasheet HTML 4Page - Diodes Incorporated AP7342 Datasheet HTML 5Page - Diodes Incorporated AP7342 Datasheet HTML 6Page - Diodes Incorporated AP7342 Datasheet HTML 7Page - Diodes Incorporated AP7342 Datasheet HTML 8Page - Diodes Incorporated AP7342 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AP7342
Document number: DS37614 Rev. 2 - 2
2 of 14
www.diodes.com
March 2015
© Diodes Incorporated
AP7342
Pin Descriptions
Pin Number
Pin Name
Function
1
VOUT1
Channel 1 Output Voltage Pin
2
VOUT2
Channel 2 Output Voltage Pin
3
GND
Ground
4
EN2
Chanel 2 Enable Pin
This pin should be driven either high or low and must not be floating. Driving this pin high
enables channel 2 output, while pulling it low puts Chanel 2 regulator into shutdown
mode.
5
VIN
Power Input Pin
6
EN1
Chanel 1 Enable Pin
This pin should be driven either high or low and must not be floating. Driving this pin high
enables channel 1 output, while pulling it low puts Chanel 1 regulator into shutdown
mode.
–
Thermal PAD
In PCB layout, it is preferred to use large copper area to cover this pad for better thermal
dissipation, then connect this area to GND or leave it open. However, do not use it as
GND electrode function alone.
Functional Block Diagram
AP7342 (No Discharge)
AP7342 (With Discharge)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com