Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8408DR Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PAM8408DR
Description  2x3W STEREO DIFFERENTIAL INPUT CLASS D AUDIO AMPLIFIER WITH MEMORY UP/DOWN VOLUME
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8408DR Datasheet(HTML) 5 Page - Diodes Incorporated

  PAM8408DR Datasheet HTML 1Page - Diodes Incorporated PAM8408DR Datasheet HTML 2Page - Diodes Incorporated PAM8408DR Datasheet HTML 3Page - Diodes Incorporated PAM8408DR Datasheet HTML 4Page - Diodes Incorporated PAM8408DR Datasheet HTML 5Page - Diodes Incorporated PAM8408DR Datasheet HTML 6Page - Diodes Incorporated PAM8408DR Datasheet HTML 7Page - Diodes Incorporated PAM8408DR Datasheet HTML 8Page - Diodes Incorporated PAM8408DR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PAM8408
Document number: DS36992 Rev. 1 - 2
5 of 11
www.diodes.com
June 2014
© Diodes Incorporated
PAM8408
A PRODUCT LINE OF
DIODES INCORPORATED
Performance Characteristics (cont.)
(@TA = +25°C, VDD = 5V, Gain = 24dB, RL = 8Ω (33μH)+R+L(33μH), unless otherwise noted.)
Frequency Response
Noise Floor
Efficiency vs. Output Power (RL = 8Ω)
Efficiency vs. Output Power (RL = 4Ω)
Output Power vs. Supply Voltage (RL = 8Ω, THD = 10%)
Output Power vs. Supply Voltage (RL = 4Ω,THD = 10%)
+0
+16
+2
+4
+6
+8
+10
+12
+14
d
B
g
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
CIN = 0.1µF
CIN = 1µF
CIN = 0.47µF
VDD = 5V
VDD = 5V
-140
+0
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com