Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8408DR Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM8408DR
Description  2x3W STEREO DIFFERENTIAL INPUT CLASS D AUDIO AMPLIFIER WITH MEMORY UP/DOWN VOLUME
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8408DR Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM8408DR Datasheet HTML 1Page - Diodes Incorporated PAM8408DR Datasheet HTML 2Page - Diodes Incorporated PAM8408DR Datasheet HTML 3Page - Diodes Incorporated PAM8408DR Datasheet HTML 4Page - Diodes Incorporated PAM8408DR Datasheet HTML 5Page - Diodes Incorporated PAM8408DR Datasheet HTML 6Page - Diodes Incorporated PAM8408DR Datasheet HTML 7Page - Diodes Incorporated PAM8408DR Datasheet HTML 8Page - Diodes Incorporated PAM8408DR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PAM8408
Document number: DS36992 Rev. 1 - 2
4 of 11
www.diodes.com
June 2014
© Diodes Incorporated
PAM8408
A PRODUCT LINE OF
DIODES INCORPORATED
Performance Characteristics (@TA = +25°C, VDD = 5V, Gain = 24dB, RL = 8Ω (33μH)+R+L(33μH), unless otherwise noted.)
THD+N Vs. Output Power (RL=8Ω)
THD+N Vs. Output Power (RL=4Ω)
THD+N Vs. Frequency (RL=8Ω)
THD+N Vs. Frequency (RL=4Ω)
PSRR Vs. Frequency
Crosstalk Vs Frequency
0.008
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
PO=0.3W/0.5W/1W
(Red/Pink/Blue)
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
%
1m
3
2m
5m
10m
20m
50m
100m
200m
500m
1
2
W
f=100Hz/1kHz/10kHz
(Red/Pink/Blue)
0.01
40
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
%
1m
5
2m
5m
10m
20m
50m
100m
200m
500m
1
2
W
f=100Hz/1kHz/10kHz
(Red/Pink/Blue)
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
PO=0.5W/1W/2W
(Red/Pink/Blue)
-140
+0
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
T
R to L
L to R
-80
+0
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com