Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8408DR Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM8408DR
Description  2x3W STEREO DIFFERENTIAL INPUT CLASS D AUDIO AMPLIFIER WITH MEMORY UP/DOWN VOLUME
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8408DR Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM8408DR Datasheet HTML 1Page - Diodes Incorporated PAM8408DR Datasheet HTML 2Page - Diodes Incorporated PAM8408DR Datasheet HTML 3Page - Diodes Incorporated PAM8408DR Datasheet HTML 4Page - Diodes Incorporated PAM8408DR Datasheet HTML 5Page - Diodes Incorporated PAM8408DR Datasheet HTML 6Page - Diodes Incorporated PAM8408DR Datasheet HTML 7Page - Diodes Incorporated PAM8408DR Datasheet HTML 8Page - Diodes Incorporated PAM8408DR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PAM8408
Document number: DS36992 Rev. 1 - 2
2 of 11
www.diodes.com
June 2014
© Diodes Incorporated
PAM8408
A PRODUCT LINE OF
DIODES INCORPORATED
Pin Descriptions
Pin Number
Pin Name
Function
1
RINP
Positive Input of Right Channel Power Amplifier
2
RINN
Negative Input of Right Channel Power Amplifier
3
SD
Full Chip Shutdown Control Input (active low)
4
UP
Volume UP Control (active low)Ground Connection
5
DOWN
Volume down Control (active low)
6,12,13
GND
Ground
7
LINN
Negative Input of Left Channel Power Amplifier
8
LINP
Positive Input of Left Channel Power Amplifier
9,16
VDD
Power Supply
10
LOUTP
Positive Output of Left Channel Power Amplifier
11
LOUTN
Negative Output of Left Channel Power Amplifier
14
ROUTN
Negative Output of Right Channel Power Amplifier
15
ROUTP
Positive Output of Right Channel Power Amplifier
Functional Block Diagram
VD D
RIN P
LIN N
VDD
GND
LOU T P
LOU T N
ROUT N
ROUT P
GN D
MODULATOR
DRIVER
INTERNAL
OSCILLATOR
OS C
BIAS
AND
REFERENCES
MODULATOR
DR IVER
Thermal
Protection
Current
Protection
DOWN
SD
VD D
+
-
RIN N
UP
+
-
LIN P
VD D
VD D
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Supply Voltage (VDD)
6.5
V
Pins Input Voltage (SD, UP, Down, IN)
-0.3 to VDD+0.3
V
Storage Temperature
-65 to 150
°C
Maximum Junction Temperature
150
°C
Junction to ambient thermal resistance
40
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com