Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8408DR Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM8408DR
Description  2x3W STEREO DIFFERENTIAL INPUT CLASS D AUDIO AMPLIFIER WITH MEMORY UP/DOWN VOLUME
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8408DR Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM8408DR Datasheet HTML 1Page - Diodes Incorporated PAM8408DR Datasheet HTML 2Page - Diodes Incorporated PAM8408DR Datasheet HTML 3Page - Diodes Incorporated PAM8408DR Datasheet HTML 4Page - Diodes Incorporated PAM8408DR Datasheet HTML 5Page - Diodes Incorporated PAM8408DR Datasheet HTML 6Page - Diodes Incorporated PAM8408DR Datasheet HTML 7Page - Diodes Incorporated PAM8408DR Datasheet HTML 8Page - Diodes Incorporated PAM8408DR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PAM8408
Document number: DS36992 Rev. 1 - 2
1 of 11
www.diodes.com
June 2014
© Diodes Incorporated
PAM8408
A PRODUCT LINE OF
DIODES INCORPORATED
2x3W STEREO DIFFERENTIAL INPUT CLASS D
AUDIO AMPLIFIER WITH MEMORY UP/DOWN VOLUME
Description
The PAM8408 is a filter-less Class-D amplifier with high SNR and
differential input that helps eliminate noise. Advanced 32-step
Up/Down volume control minimizes external components and allows
speaker volume control. The gain will held when the chip is in
shutdown mode.
The PAM8408 supports 2.5V to 6V operation make it idea for up to
4 cells alkaline battery applications.
Features like greater than 87% efficiency and small PCB area make
the PAM8408 Class-D amplifier ideal for portable applications. The
output uses a filter-less architecture minimizing the number of
external components and PCB area whilst providing a high
performance, simple and lower cost system.
The PAM8408 built in auto recovery SCP (short circuit protection) and
thermal shutdown.
The PAM8408 is available in SO-16L package.
Features
•
3W Output at 10% THD with a 4Ω Load and 5V Supply
•
2.4W Output at 1% THD with a 4Ω Load and 5V Supply
•
2.5V to 6.0V VDD Operating
•
Fully Differential Input
•
Filter-less, Low Quiescent Current and Low EMI
•
Low THD+N
•
32-Step Memory Up/Down Volume Control from -80dB to 24dB
•
Superior Low Noise: 60uV
•
Minimize Pop/Clip Noise
•
Auto Recovery Short Circuit Protection
•
Thermal Shutdown
•
Pb-Free SO-16L Package
Pin Assignments
SO-16L
LOUTP
LOUTN
UP
VDD
ROUTP
VDD
ROUTN
GND
15
9
10
11
12
13
14
16
GND
RINN
GND
DOWN
LINN
SD
1
2
3
4
5
6
7
8
RINP
LINP
Applications
•
PC Speaker
•
Wireless Speaker
•
Home Sound Systems
•
Active Speakers
•
Docking Stations
Typical Applications Circuit
6 GND
GND 13
5 DOWN
7 LINN
VDD 16
8 LINP
GND 12
1 RINP
ROUTN 14
2 RINN
ROUTP 15
LOUTP 10
VDD 9
4 UP
3 SD
LOUTN 11
PAM8408
01
.
uF
C6
VDD
4Ω
1uF
C2
RINN
01
. uF
C8
LINP
SHDN
ON
01
.
uF
C5
RINP
01
.
uF
C7
LINN
4Ω
VDD
1uF
C2


Similar Part No. - PAM8408DR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAM8402 ETC1-PAM8402 Datasheet
162Kb / 3P
2 Watt Class-D Audio Amplifiers with Enable
logo
Power Analog Micoelectr...
PAM8403 PAM-PAM8403 Datasheet
194Kb / 12P
Filterless 3W Class-D Stereo Audio Amplifier
logo
Diodes Incorporated
PAM8403 DIODES-PAM8403 Datasheet
380Kb / 11P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
logo
ARTSCHIP ELECTRONICS CO...
PAM8403 ARTSCHIP-PAM8403 Datasheet
237Kb / 12P
Filterless 3W Class-D Stereo Audio Amplifier
logo
Power Analog Micoelectr...
PAM8403DR PAM-PAM8403DR Datasheet
194Kb / 12P
Filterless 3W Class-D Stereo Audio Amplifier
More results

Similar Description - PAM8408DR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMPA208DS ETC1-TMPA208DS Datasheet
179Kb / 8P
2.5W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH VOLUME CONTROL
logo
Power Analog Micoelectr...
PAM8603M PAM-PAM8603M Datasheet
237Kb / 14P
3W Filterless Stereo Class-D Audio Amplifier with DC Volume Control
PAM8606 PAM-PAM8606 Datasheet
292Kb / 16P
6W Stereo Class-D Audio Power Amplifier with DC Volume Control
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
NXP Semiconductors
TFA9812 NXP-TFA9812 Datasheet
384Kb / 66P
BTL stereo Class-D audio amplifier with I2S input
Rev. 01-30 October 2008
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Power Analog Micoelectr...
PAM8803 PAM-PAM8803 Datasheet
304Kb / 13P
3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
logo
Diodes Incorporated
PAM8407 DIODES-PAM8407 Datasheet
330Kb / 12P
2x3W Stereo Differential Input Class D Audio Amplifier with Up/Down Volume Control
Rev 1
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Rev 1
logo
Shenzhenshi YONGFUKANG ...
TA8803 YONGFUKANG-TA8803 Datasheet
269Kb / 13P
3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com