Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54ACT818 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACT818
Description  8-Bit Diagnostic Register
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT818 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54ACT818 Datasheet HTML 1Page - National Semiconductor (TI) 54ACT818 Datasheet HTML 2Page - National Semiconductor (TI) 54ACT818 Datasheet HTML 3Page - National Semiconductor (TI) 54ACT818 Datasheet HTML 4Page - National Semiconductor (TI) 54ACT818 Datasheet HTML 5Page - National Semiconductor (TI) 54ACT818 Datasheet HTML 6Page - National Semiconductor (TI) 54ACT818 Datasheet HTML 7Page - National Semiconductor (TI) 54ACT818 Datasheet HTML 8Page - National Semiconductor (TI) 54ACT818 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
54ACT818
8-Bit Diagnostic Register
General Description
The ’ACT818 is a high-speed, general-purpose pipeline reg-
ister with an on-board diagnostic register for performing se-
rial diagnostics and/or writable control store loading.
The D-to-Y path provides an 8-bit parallel data path pipeline
register for normal system operation. The diagnostic register
can load parallel data to or from the pipeline register and can
output data through the D input port (as in WCS loading).
The 8-bit diagnostic register has multiplexer inputs that se-
lect parallel inputs from the Y-port or adjacent bits in the di-
agnostic register to operate as a right-shift-only register. This
register can then participate in a serial loop throughout the
system where normal data, address, status and control reg-
isters are replaced with ’ACT818 diagnostic pipeline regis-
ters. The loop can be used to scan in a complete test routine
starting point (Data, Address, etc.). Then after a specified
number of machine cycles it scans out the results to be in-
spected for the expected results. WCS loading can be ac-
complished using the same technique. An instruction word
can be serially shifted into the shadow register and written
into the WCS RAM by enabling the D output.
Features
n On-line and off-line system diagnostics
n Swaps the contents of diagnostic register and output
register
n Diagnostic register and diagnostic testing
n Cascadable for wide control words as used in
microprogramming
n Edge-triggered D registers
n Outputs source/sink 24 mA
n ’ACT818 has TTL-compatible inputs
n ’ACT818 is functionally- and pin-compatible to AMD
Am29818 and MMI 74S818
n Standard Microcircuit Drawing (SMD) 5962-9160901
Applications
n Register for microprogram control store
n Status register
n Data register
n Instruction register
n Interrupt mask register
n Pipeline register
n General purpose register
n Parallel-serial/serial-parallel converter
Logic Symbol
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACT™ is a trademark of Fairchild Semiconductor Corporation.
DS100251-3
September 1998
© 1998 National Semiconductor Corporation
DS100251
www.national.com


Similar Part No. - 54ACT818

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACT821 NSC-54ACT821 Datasheet
163Kb / 8P
10-Bit D Flip-Flop with TRI-STATE Outputs
54ACT821F NSC-54ACT821F Datasheet
163Kb / 8P
10-Bit D Flip-Flop with TRI-STATE Outputs
54ACT821L NSC-54ACT821L Datasheet
163Kb / 8P
10-Bit D Flip-Flop with TRI-STATE Outputs
54ACT821SD NSC-54ACT821SD Datasheet
163Kb / 8P
10-Bit D Flip-Flop with TRI-STATE Outputs
54ACT823 NSC-54ACT823 Datasheet
134Kb / 8P
9-Bit D Flip-Flop
More results

Similar Description - 54ACT818

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY5474FCT273T TI-CY5474FCT273T Datasheet
78Kb / 7P
8-Bit Register
CY5474FCT377T TI-CY5474FCT377T Datasheet
71Kb / 7P
8-Bit Register
logo
Fairchild Semiconductor
74ACT818 FAIRCHILD-74ACT818 Datasheet
55Kb / 6P
8-Bit Diagnostic Register
logo
Diodes Incorporated
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 3
74AHC595 DIODES-74AHC595 Datasheet
319Kb / 10P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 3
74AHCT594 DIODES-74AHCT594 Datasheet
191Kb / 10P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 2
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
Rev 3
74HC594 DIODES-74HC594 Datasheet
260Kb / 10P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 3
74HCT594 DIODES-74HCT594 Datasheet
277Kb / 12P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 2
74HCT595 DIODES-74HCT595 Datasheet
346Kb / 11P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com