Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9154-EBZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9154-EBZ
Description  Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154-EBZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9154-EBZ Datasheet HTML 35Page - Analog Devices AD9154-EBZ Datasheet HTML 36Page - Analog Devices AD9154-EBZ Datasheet HTML 37Page - Analog Devices AD9154-EBZ Datasheet HTML 38Page - Analog Devices AD9154-EBZ Datasheet HTML 39Page - Analog Devices AD9154-EBZ Datasheet HTML 40Page - Analog Devices AD9154-EBZ Datasheet HTML 41Page - Analog Devices AD9154-EBZ Datasheet HTML 42Page - Analog Devices AD9154-EBZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 124 page
background image
Data Sheet
AD9154
Rev. B | Page 39 of 124
Lane FIFO
The FIFOs in front of the crossbar switch and deframer
synchronize the samples sent on the high speed serial data
interface with the deframer clock by adjusting the phase of the
incoming data. The FIFO absorbs timing variations between the
data source and the deframer; this allows up to two PClock
cycles of drift from the transmitter. The FIFO_STATUS_REG_0
register and FIFO_STATUS_REG_1 register (Register 0x30C
and Register 0x30D, respectively) can be monitored to identify
whether the FIFOs are full or empty.
Lane FIFO IRQ
An aggregate lane FIFO error bit is also available as an IRQ
event. Use Register 0x01F[1] to enable the FIFO error bit, and
then use Register 0x023[1] to read back its status and reset the
IRQ signal. See the Interrupt Request Operation section for
more information.
Crossbar Switch
Register 0x308 to Register 0x30B allow arbitrary mapping of
physical lanes (SERDINx±) to logical lanes used by the SERDES
deframers.
Table 39. Crossbar Registers
Address
Bits
Logical Lane
0x308
[2:0]
XBARVAL0
0x308
[5:3]
XBARVAL1
0x309
[2:0]
XBARVAL2
0x309
[5:3]
XBARVAL3
0x30A
[2:0]
XBARVAL4
0x30A
[5:3]
XBARVAL5
0x30B
[2:0]
XBARVAL6
0x30B
[5:3]
XBARVAL7
Write each XBARVALx with the number (x) of the desired
physical lane (SERDINx±) from which to get data. By default,
all logical lanes use the corresponding physical lane as their data
source. For example, by default XBARVALx = 0, so Logical Lane 0
gets data from Physical Lane 0 (SERDIN0±). If instead the user
wants to use SERDIN4± as the source for Logical Lane 0, the user
must write XBARVALx = 4.
Lane Inversion
Register 0x334 allows the inversion of desired logical lanes,
which can be used to ease routing of the SERDINx± signals. For
each Logical Lane x, set Bit x of Register 0x334 to 1 to invert the
lane.
Deframers
The AD9154 consists of two quad byte deframers (QBDs). Each
deframer takes in the 8-bit/10-bit encoded data from the
deserializer (via the crossbar switch), decodes it, and descrambles it
into JESD204B frames before passing it to the transport layer to be
converted to DAC samples. The deframer processes four symbols
(or octets) per processing clock (PClock) cycle.
In single link mode, Deframer 0 is used exclusively and Deframer 1
remains inactive. In dual link mode, both QBDs are active and
must be configured separately using the SEL_REG_MAP_1 bit
(Register 0x300[2]) to select the link to be configured. The
DUALLINK bit (Register 0x300[3]) =1 for dual link, or 0 for
single link.
Each deframer uses the JESD204B parameters that the user has
programmed into the register map to identify how the data has
been packed and how to unpack it. The JESD204B parameters
are discussed in detail in the Transport Layer section; many of
the parameters are also needed in the transport layer to convert
JESD204B frames into samples.
Descrambler
The AD9154 provides an optional descrambler block using a
self synchronous descrambler with a polynomial: 1 + x14 + x15.
Enabling data scrambling reduces the spectral peaks produced
when the same data octets repeat from frame to frame. It also
makes the spectrum data independent so that possible
frequency selective effects on the electrical interface do not
cause data dependent errors. Descrambling of the data is
enabled by setting the SCR bit (Register 0x453[7]) to 1.
Syncing LMFC Signals
The first step in guaranteeing synchronization across links and
devices begins with syncing the LMFC signals. Each DAC dual
(DAC Dual A = DAC0/DAC1 and DAC Dual B = DAC2/DAC3)
has its own LMFC signal. In Subclass 0, the LMFC signals for
each of the two links are synchronized to an internal processing
clock. In Subclass 1, all LMFC signals (for all duals and devices)
are synchronized to an external SYSREF signal.
SYSREF Signal
The SYSREF± signal is a differential source synchronous input that
synchronizes the LMFC signals in both the transmitter and receiver
in a JESD204B Subclass 1 system to achieve deterministic latency.
The SYSREF± signal is an active high signal sampled by the
device clock rising edge. It is best practice that the device clock and
the SYSREF± signals be generated by the same source, such as a
device from the AD9516-0, AD9516-1, AD9516-2, AD9516-3,
AD9516-4, and AD9516-5 family of clock generators, so that
the phase alignment between the signals is fixed. When designing
for optimum deterministic latency operation, consider the
timing distribution skew of the SYSREF± signal in a multipoint
link system (multichip).
The AD9154 supports a single pulse or step, or a periodic
SYSREF± signal. The periodicity can be continuous, strobed, or
gapped periodic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com