Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9154-EBZ Datasheet(PDF) 65 Page - Analog Devices

Part # AD9154-EBZ
Description  Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154-EBZ Datasheet(HTML) 65 Page - Analog Devices

Back Button AD9154-EBZ Datasheet HTML 61Page - Analog Devices AD9154-EBZ Datasheet HTML 62Page - Analog Devices AD9154-EBZ Datasheet HTML 63Page - Analog Devices AD9154-EBZ Datasheet HTML 64Page - Analog Devices AD9154-EBZ Datasheet HTML 65Page - Analog Devices AD9154-EBZ Datasheet HTML 66Page - Analog Devices AD9154-EBZ Datasheet HTML 67Page - Analog Devices AD9154-EBZ Datasheet HTML 68Page - Analog Devices AD9154-EBZ Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 124 page
background image
Data Sheet
AD9154
Rev. B | Page 65 of 124
Table 68. I/Q Phase Adjustment Registers
Addr.
Value
Description
0x111[4]
PHASE_ADJ_ENABLE
Set to 1 to enable phase
adjust
0x11C
PHASEADJ[7:0]
LSB phase adjust code
0x11D
PHASEADJ[12:8]
MSB phase adjust code
DC Offset
The dc offset feature is used to individually offset the data into
the I or Q DACs. This feature is used to cancel LO leakage at the
modulator output.
The offset is programmed individually for I and Q as a 16-bit
twos complement number in LSBs, plus a 5-bit twos complement
number in sixteenths of an LSB, as shown in Table 69. DC offset
is paged as described in the Dual Paging section.
−215 ≤ LSBsOffset < 215
−16 ≤ SixteenthsOffset ≤ 15
Table 69. DC Offset Registers
Addr.
Value
Description
0x135[0]
DC_OFFSET_ON
Set to 1 to enable dc offset
0x136
LSBSOFFSETI[7:0]
I DAC LSB dc offset code
0x137
LSBSOFFSETI[15:8]
I DAC MSB dc offset code
0x138
LSBSOFFSETQ[7:0]
Q DAC LSB dc offset code
0x139
LSBSOFFSETQ[15:8]
Q DAC MSB dc offset code
0x13A[4:0]
SIXTEENTHSOFFSETI
I DAC sub-LSB dc offset code
0x13B[4:0]
SIXTEENTHSOFFSETQ
Q DAC sub-LSB dc offset code
Coarse Group Delay
Coarse group delay is a global adjustment of the DAC latency,
and it is programmed to identically affect both DACs in an I/Q
signal pair. The coarse group delay range is in +7/−8 steps. Each
step is ½ DAC clock cycle. The default value of 0x8 sets the
delay to zero. This is useful in applications where the user needs
to tune the latency of the DAC path with some accuracy (for
example, in DPD loop delay adjust).
Write the value to COARSE_GROUP_DLY (Register 0x014).
This is paged as described in the Dual Paging section.
Group Delay Compensation
Group delay compensation provides separate delay tunability to
either an I or Q channel within each dual digital signal pair. The
user can delay either the I or Q output to align their quadrature.
Table 70 shows the register settings used for group delay
compensation. The group delay compensation bypass register is
located at Register 0x046. The GROUPDELAYCOMP (Bits[7:0])
values are binary, and the default value of 0x00 is a delay
compensation of zero. The difference between this mode and
the phase adjust mode is that group delay compensation can
correct for delay differences between the I and Q channels,
while phase adjust cannot. Group delay compensation is paged
as described in the Dual Paging section.
Table 70. Group Delay Compensation Registers
Addr.
Value
Description
0x046
GROUP DELAY
COMP BYPASS
Set to 3 to bypass both I and Q
compensation
0x044
GROUP DELAY
COMP I [7:0]
±85 ps nominal range
0x045
GROUP DELAY
COMP Q [7:0]
±85 ps nominal range
I TO Q SWAP
I_TO_Q (Register 0x111, Bit 0; paged as described in the Dual
Paging section) is a convenience bit that can be set to send the I
datapath to the Q DAC. Note that this swap occurs at the end of
the datapath (after any modulation, digital gain, phase adjust,
and phase offset). If using M = 1 DACs in DualLink mode (as
described in the DAC Power-Down Setup section), set this bit
to direct data to the DAC3 output.
NCO ALIGNMENT
The NCO alignment block phase aligns the NCO output from
multiple converters. Two NCO alignment modes are supported
by the AD9154. The first is a SYSREF± alignment mode that
phase aligns the NCO outputs to the rising edge of a SYSREF±
pulse. The second alignment mode is a data key alignment;
when this mode is enabled, the AD9154 aligns the NCO
outputs when a user specified data pattern arrives at the DAC
input. Note that the NCO alignment is per dual, and is paged as
described in the Dual Paging section.
SYSREF± NCO Alignment
As with the LMFC alignment, in Subclass 1, a SYSREF± pulse
can be used to phase align the NCO outputs of multiple devices
in a system and multiple channels on the same device. Note that
in Subclass 0, this alignment mode can be used to align the
NCO outputs within a device to an internal processing clock
edge. No SYSREF± edge is needed in Subclass 0, but multichip
alignment cannot be achieved. The steps to achieve a SYSREF
NCO alignment are as follows:
1. Set NCOCLRMODE (Register 0x050, Bits[1:0]) = 0b01 for
SYSREF NCO alignment mode.
2. Set NCOCLRARM to 1 (Register 0x050, Bit 7).
3. Perform an LMFC alignment to force the NCO phase align
(see the Syncing LMFC Signals section). The phase
alignment occurs on the next SYSREF± edge.
Note that if in one shot sync mode, the LMFC alignment
block must be armed by setting Register 0x03A, Bit 6 = 1. If
in continuous mode or one shot then monitor mode, the
LMFC align block does not need to be armed; the NCO
align automatically trips on the next SYSREF± edge.
4. Check the alignment status. If NCO phase alignment was
successful, NCOCLRPASS (Register 0x050, Bit 4) = 1. If
phase alignment failed, NCOCLRFAIL (Register 0x050, Bit 3)
= 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com