Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9154-EBZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD9154-EBZ
Description  Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154-EBZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD9154-EBZ Datasheet HTML 54Page - Analog Devices AD9154-EBZ Datasheet HTML 55Page - Analog Devices AD9154-EBZ Datasheet HTML 56Page - Analog Devices AD9154-EBZ Datasheet HTML 57Page - Analog Devices AD9154-EBZ Datasheet HTML 58Page - Analog Devices AD9154-EBZ Datasheet HTML 59Page - Analog Devices AD9154-EBZ Datasheet HTML 60Page - Analog Devices AD9154-EBZ Datasheet HTML 61Page - Analog Devices AD9154-EBZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 124 page
background image
AD9154
Data Sheet
Rev. B | Page 58 of 124
JESD204B TEST MODES
PHY PRBS Testing
The JESD204B receiver on the AD9154 includes a pseudorandom
binary sequence (PRBS) pattern checker on the back end of its
physical layer. This functionality enables bit error rate (BER)
testing of each physical lane of the JESD204B link. The PHY
PRBS pattern checker does not require that the JESD204B link be
established. It can synchronize with a PRBS7, PRBS15, or PRBS31
data pattern. PRBS pattern verification can be performed on
multiple lanes at once. The error counts for failing lanes are
reported for one JESD204B lane at a time. The process for
performing PRBS testing on the AD9154 is as follows:
1.
Start sending a PRBS7, PRBS15, or PRBS31 pattern from
the JESD204B transmitter.
2.
Select and write the appropriate PRBS pattern to
Register 0x316, Bits[3:2], as shown in Table 57.
3.
Enable the PHY test for all lanes being tested by writing to
PHY_TEST_EN (Register 0x315). Each bit of Register 0x315
enables the PRBS test for the corresponding lane. For
example, writing a 1 to Bit 0 enables the PRBS test for
Physical Lane 0.
4.
Toggle PHY_TEST_RESET (Register 0x316, Bit 0) from 0
to 1, then back to 0.
5.
Set PHY_PRBS_ERROR_THRESHOLD (Register 0x319 to
Register 0x317) as desired.
6.
Write a 0 and then a 1 to PHY_TEST_START
(Register 0x316, Bit 1). The rising edge of
PHY_TEST_START starts the test.
7.
Wait 500 ms.
8.
Stop the test by writing 0 to PHY_TEST_START
(Register 0x316, Bit 1).
9.
Read the PRBS test results.
a.
Each bit of PHY_PRBS_TEST_STATUS (Register
0x31D) corresponds to one SERDES lane. 0 = fail,
1 = pass.
b.
The number of PRBS errors seen on each failing lane
can be read by writing the lane number to check (0 to
7) in the PHY_SRC_ERR_CNT (Register 0x316,
Bits[6:4]) and reading PHY_PRBS_ERR_COUNT
(Register 0x31A to Register 0x31C). The maximum
error count is 224 − 1. If all bits of Register 0x31A to
Register 0x31C are high, the maximum error count on
the selected lane has been exceeded.
Table 57. PHY PRBS Pattern Selection
PHY_PRBS_PAT_SEL Setting
(Register 0x316[3:2])
PRBS Pattern
0b00 (default)
PRBS7
0b01
PRBS15
0b10
PRBS31
Transport Layer Testing
The JESD204B receiver in the AD9154 supports the short
transport layer (STPL) test as described in the JESD204B
standard. Use this test to verify the data mapping between the
JESD204B transmitter and receiver.
The STPL test ensures that each sample from each converter is
mapped appropriately according to the number of converters
(M) and the number of samples per converter (S). As specified
in the JESD204B standard, the converter manufacturer specifies
what test samples are transmitted. Each sample must have a
unique value. For example, if M = 2 and S = 2, four unique
samples are transmitted repeatedly until the test is stopped. The
expected sample must be programmed into the device and the
expected sample is compared to the received sample one sample
at a time until all have been tested. The process for performing
this test on the AD9154 is described as follows:
1.
Synchronize the JESD204B link.
2.
Enable the STPL test at the JESD204B Tx.
3.
Select Converter 0 Sample 0 for testing. Write
SHORT_TPL_M_SEL (Register 0x32C, Bits[3:2]) = 0 and
SHORT_TPL_SP_SEL (Register 0x32C, Bits[5:4]) = 0.
4.
Set the expected test sample for Converter 0, Sample 0.
Program the expected 16-bit test sample into the
SHORT_TPL_REF_SP_x registers (Register 0x32E and
Register 0x32D).
5.
Enable the STPL test. Write 1 to SHORT_TPL_TEST_EN
(Register 0x32C, Bit 0).
6.
Toggle the STPL reset, SHORT_TPL_TEST_RESET
(Register 0x32C, Bit 1), from 0 to 1, then back to 0.
7.
Check for failures. Read SHORT_TPL_FAIL
(Register 0x32F, Bit 0), 0 = pass, 1 = fail.
8.
Repeat Steps 3 to Step 7 for each sample of each converter.
Conv0Sample0 through ConvM − 1SampleS − 1.
Repeated CGS and ILAS Test
As per Section 5.3.3.8.2 of the JESD204B specification, the
AD9154 can check that a constant stream of /K28.5/ characters
is being received, or that a CGS followed by a constant stream of
ILAS is being received.
To run a repeated CGS test, send a constant stream of /K28.5/
characters to the AD9154 SERDES inputs. Next, set up the
device and enable the links as described in the Device Setup
Guide section. Ensure that the /K28.5/ characters are being
received by verifying that the SYNCOUTx± signal has been
deasserted and that CGS has passed for all enabled link lanes by
reading Register 0x470. Program Register 0x300, Bit 2 = 0 to
monitor the status of lanes on Link 0, and Register 0x300, Bit 2 = 1
to monitor the status of lanes on Link 1 for dual link mode.
To run the CGS followed by a repeated ILAS sequence test,
follow the Device Setup Guide section, but before performing
the last write (enabling the links), enable the ILAS test mode by
writing a 1 to Register 0x477, Bit 7. Then, enable the links.
When the device recognizes 4 CGS characters on each lane, it



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com