Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5903SCPZN-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5903SCPZN-R7
Description  200 MHz to 6 GHz 35 dB TruPwr??Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5903SCPZN-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5903SCPZN-R7 Datasheet HTML 1Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 2Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 3Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 4Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 5Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 6Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADL5903
Data Sheet
Rev. B | Page 4 of 20
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
f = 1900 MHz
±1.0 dB Dynamic Range
CW input, TA = 25°C, VPOS = 5.0 V
37
dB
CW input, TA = 25°C, VPOS = 3.0 V
33
dB
Maximum Input Level, ±1.0 dB
Three-point calibration at −15 dBm, −3 dBm, and +13 dBm
15
dBm
Minimum Input Level, ±1.0 dB
Three-point calibration at −15 dBm, −3 dBm, and +13 dBm
−22
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C; PIN = 10 dBm
−0.15
dB
−55°C < TA < +125°C; PIN = 10 dBm
−0.15
dB
−40°C < TA < +85°C; PIN = −10 dBm
−0.3/+0.22
dB
−55°C < TA < +125°C; PIN = −10 dBm
−0.35/+0.252
dB
Logarithmic Slope
Calibration at −16 dBm and +4 dBm
37.2
mV/dB
Logarithmic Intercept
Calibration at −16 dBm and +4 dBm (X-intercept)
−35.5
dBm
f = 2140 MHz
±1.0 dB Dynamic Range
CW input, TA = 25°C, VPOS = 5.0 V
35
dB
CW input, TA = 25°C, VPOS = 3.0 V
32
dB
Maximum Input Level, ±1.0 dB
Three-point calibration at −15 dBm, −3 dBm, and +13 dBm
15
dBm
Minimum Input Level, ±1.0 dB
Three-point calibration at −15 dBm, −3 dBm, and +13 dBm
−20
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C; PIN = 10 dBm
−0.2
dB
−55°C < TA < +125°C; PIN = 10 dBm
−0.2
dB
−40°C < TA < +85°C; PIN = −10 dBm
−0.4/+0.22
dB
−55°C < TA < +125°C; PIN = −10 dBm
−0.5/+0.32
dB
Logarithmic Slope
Calibration at −16 dBm and +4 dBm
37.4
mV/dB
Logarithmic Intercept
Calibration at −16 dBm and +4 dBm (X-intercept)
−35
dBm
f = 2600 MHz
±1.0 dB Dynamic Range
CW input, TA = 25°C, VPOS = 5.0 V
34
dB
CW input, TA = 25°C, VPOS = 3.0 V
32
dB
Maximum Input Level, ±1.0 dB
Three-point calibration at −14 dBm, −2 dBm, and +14 dBm
15
dBm
Minimum Input Level, ±1.0 dB
Three-point calibration at −14 dBm, −2 dBm, and +14 dBm
−19
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C; PIN = 10 dBm
−0.2
dB
−55°C < TA < +125°C; PIN = 10 dBm
−0.25
dB
−40°C < TA < +85°C; PIN = −10 dBm
−0.5/+0.22
dB
−55°C < TA < +125°C; PIN = −10 dBm
−0.6/+0.32
dB
Logarithmic Slope
Calibration at −16 dBm and +4 dBm
37.7
mV/dB
Logarithmic Intercept
Calibration at −16 dBm and +4 dBm (X-intercept)
−34
dBm
f = 3500 MHz
±1.0 dB Dynamic Range
CW input, TA = 25°C, VPOS = 5.0 V
33
dB
CW input, TA = 25°C, VPOS = 3.0 V
31
dB
Maximum Input Level, ±1.0 dB
Three-point calibration at −12 dBm, 0 dBm, and +14 dBm
16
dBm
Minimum Input Level, ±1.0 dB
Three-point calibration at −12 dBm, 0 dBm, and +14 dBm
−17
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C; PIN = 10 dBm
−0.2
dB
−55°C < TA < +125°C; PIN = 10 dBm
−0.25
dB
−40°C < TA < +85°C; PIN = −10 dBm
−0.6/+0.32
dB
−55°C < TA < +125°C; PIN = −10 dBm
−0.75/+0.42
dB
Logarithmic Slope
Calibration at −12 dBm and +8 dBm
39
mV/dB
Logarithmic Intercept
Calibration at −12 dBm and +8 dBm (X-intercept)
−31.5
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com