Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5903SCPZN-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5903SCPZN-R7
Description  200 MHz to 6 GHz 35 dB TruPwr??Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5903SCPZN-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5903SCPZN-R7 Datasheet HTML 11Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 12Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 13Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 14Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 15Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 16Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 17Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 18Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
ADL5903
Rev. B | Page 15 of 20
THEORY OF OPERATION
The ADL5903 is a true rms detector with a 35 dB measurement
range at 2.14 GHz with useable range up to 6 GHz. It features
no error ripple over its range, low temperature drift, and very
low power consumption. Temperature stability of the rms
output measurements provides ≤±0.5 dB error typical over the
temperature range of −40°C to +85°C up to 3.5 GHz. The
measurement output voltage scales linearly in decibels with a
slope of approximately 36 mV/dB.
The ADL5903 operates from a nominal supply voltage of 3.0 V
to 5.0 V. The rms core is internally regulated to 3.6 V, that is, the
full measurement range is available for supply voltages between
3.8 V and 5.0 V. Below 3.8 V, the high end of the measurement
range degrades gradually whereas the low end shows no noticeable
change in error characteristics or calibration requirements. At
2.14 GHz, the measurement range extends to 14 dBm for 3.8 V
and above, and to 12 dBm at a supply voltage of 3.0 V. The low
end of the ADL5903 measurement range is limited by internal
device offsets that vary from device to device but tracks well
over temperature. See the Device Calibration and Error
Calculation section for more information.
The core rms processing of the ADL5903 uses a proprietary
technique that provides accuracy for complex modulation
signals irrespective of the crest factor of the input signal. An
integrating filter capacitor at Pin CRMS performs the square
domain averaging.
An RF input matching network allows the device to be driven
with a 50 Ω source with reasonable input return loss. The
measurement intercept varies with frequency, as shown in
Table 1 and the Typical Performance Characteristics section.
Figure 39. Simplified Architecture
RF INPUT INTERFACE
A single-ended input at the RFIN pin drives the ADL5903, and
a 50 Ω source can drive it directly without any external
components. Figure 40 shows the simplified RF input interface.
An on-chip matching network presents 133 Ω of shunt
resistance to ground and ac coupling to the rms core. The ESD
protection circuitry is designed to allow voltage swings as high
as ±2 V at the input.
As shown in Figure 12 (input return loss, S11), the device offers
excellent input return loss over most of the operating range but
rises to around −9 dB near its minimum operating frequency of
200 MHz. Add an external shunt resistance of 127 Ω, if desired,
when operating at low frequencies to improve input return loss
over the range of 200 MHz to 1.7 GHz. Figure 41 shows a
comparison of the input return loss, with and without the
external shunt resistor.
Figure 40. Simplified RF Input Interface
Figure 41. Return Loss with and Without External Shunt Termination
BASIC CONNECTIONS
The ADL5903 requires a single supply of 3.0 V to 5.0 V. The
supply is connected to the VPOS supply pin. This pin is
decoupled using two capacitors with values equal or similar
to those shown in Figure 44. Place these capacitors as near the
VPOS pin as possible.
The CREG pin provides a bypass capacitor connection for an
on-chip regulator. The CREG pin is connected to ground with a
4.02 Ω resistor and a 0.1 μF capacitor. The CRMS pin provides
an averaging function for the rms computation and is
referenced to Pin 4 (CREG). A filter capacitor can be placed
between the CRMS and CREG pins. More information on
choosing the CRMS capacitor is provided in the Choosing a Value
for CRMS section. Using smaller values for CRMS allows quicker
response times to a pulsed waveform. Higher values of CRMS are
required for correct rms computation as the peak to average
ratio of modulated signals increases and the bandwidth of the
modulated signals decreases.
5
1
6
ADL5903
RFIN
ENBL
RMS CORE
INTERNAL
FILTERING
BUFFER
630pF
1kΩ
100Ω
4pF
VPOS
2
GND
8
NIC
EP
4
CREG
3
CRMS
7
VRMS
VPOS
MATCHING
NETWORK
GND
133Ω
4pF
OPTIONAL
127Ω
–25
–20
–15
–10
–5
0
012
345
6
FREQUENCY (GHz)
EXTERNAL 127Ω SHUNT TERM
NO SHUNT TERM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com