Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5903SCPZN-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5903SCPZN-R7
Description  200 MHz to 6 GHz 35 dB TruPwr??Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5903SCPZN-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5903SCPZN-R7 Datasheet HTML 12Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 13Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 14Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 15Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 16Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 17Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 18Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 19Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Data Sheet
ADL5903
Rev. B | Page 19 of 20
EVALUATION BOARD SCHEMATIC AND CONFIGURATION OPTIONS
Figure 49. Evaluation Board Schematic
Table 5. Evaluation Board Configuration Options
Component
Description
Default Value
RFIN, R208
RF input. R208 is a shunt input termination to optimize low frequency input
return loss.
RFIN = SMA connector,
R208 = DNI1
R205, R206, S201
Device enable interface. Header S201 configures the enable network. Pin 2
and Pin 3 of S201 enable the resistive divider network. R205 and R206 form a
resistive divider network to step down the voltage provided by VPOS for an
optimal enable setpoint condition.
R205 = 100 kΩ,
R206 = 100 kΩ,
S201 = Jumper Pin 2 and
Jumper Pin 3
C201, C202
Power supply decoupling. The nominal supply decoupling consists of a
100 pF and a 0.1 μF capacitor placed near the device.
C201 = 100 pF,
C202 = 0.1 µF
C209
RMS averaging capacitor. C209 is the capacitor (CRMS) interfacing CREG and
CRMS for rms averaging. Set the value of the rms averaging capacitor on the
peak-to-average ratio of the input signal and based on the desired output
response time and residual output noise. See the Choosing a Value for CRMS
section for more information.
C209 = 0.1 µF
R202, C203A
Bypass capacitor connection for on-chip regulator. R202 and C203A are
connected to the CREG pin to provide decoupling for the internal regulator.
R202 = 4.02 Ω, C203A = 0.1 µF
R204, C210
RMS output. R204 and C210 provide options for output filtering and to mimic
system load conditions.
R204 = 0 Ω, C210 = DNI1
C203, C204, C204A, C205,
C205A, R203, R207, R209
Test header interface.
C203, C204, C204A, C205, C205A,
R203, R207, R208, R209 = DNI1
EP
Exposed pad. The exposed pad is soldered to a ground pad, which provides
both a thermal ground and an electrical ground.
1
DNI = do not install.
VOUT
RFIN
1
2
3
4
COMM
RFIN
ADL5903
8
7
6
5
CRMS
CREG
VRMS
NIC
VPOS
ENBL
VPOS
VPOS
C201
100pF
C202
0.1μF
4.02Ω
DNI
ENBL
R208
DNI
R207
DNI
R202
R206
100kΩ
R205
100kΩ
R209
DNI
R204
0Ω
OUT
C210
DNI
C203
DNI
C203A
0.1μF
COMM
EP
P201 (24-PIN TEST HEADER)
1
2
S201
3
1
2
3
4
5
6
7
8
9 10 11 12
1
2
3
4
5
6
7
8
9 10 11 12
B
A
C205A
DNI
TO P201
R203
DNI
TO P201
TO P201
C205
DNI
C204A
DNI
C204
DNI
TO P201
0.1μF
C209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com