Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5903SCPZN-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5903SCPZN-R7
Description  200 MHz to 6 GHz 35 dB TruPwr??Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5903SCPZN-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5903SCPZN-R7 Datasheet HTML 4Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 5Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 6Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 9Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 10Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 11Page - Analog Devices ADL5903SCPZN-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADL5903
Data Sheet
Rev. B | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VPOS = 5.0 V, CRMS = 10 nF, TA = −55°C (light blue), TA = −40°C (blue), +25°C (green), +85°C (red), +125°C (orange) where appropriate.
Input levels referred to 50 Ω source. Input RF signal is a sine wave (CW), unless otherwise indicated.
Figure 3. Typical VRMS vs. Input Level vs. Frequency
(300 MHz to 5.80 GHz) at 25°C
Figure 4. Error from CW Linear Reference vs. Input Level and Signal
Modulation (QPSK, 16 QAM, 64 QAM), Frequency = 900 MHz, CRMS = 1 µF
Figure 5. Error from CW Linear Reference vs. Input Level and Signal
Modulation (One-Carrier W-CDMA, Four-Carrier W-CDMA),
Frequency = 2.14 GHz, CRMS = 1 µF
Figure 6. Typical VRMS vs. Frequency for Four Input Levels
Figure 7. Error from CW Linear Reference vs. Input Level and Signal
Modulation (QPSK, 16 QAM, 64 QAM), Frequency = 2.14 GHz, CRMS = 1 µF
Figure 8. Error from CW Linear Reference vs. Input Level and Signal
Modulation (LTE TM1 One-Carrier, 20 MHz),
Frequency = 2.14 GHz, CRMS = 1 µF
20
15
10
5
0
–5
–10
–15
–20
–25
–30
–35
–40
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
PIN (dBm)
300MHz
700MHz
900MHz
1.90GHz
2.14GHz
2.60GHz
3.50GHz
5.80GHz
10
5
0
–5
–10
–15
–20
–30
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
PIN (dBm)
CW
16 QAM PEP = 6.34dB
64 QAM PEP = 7.17dB
QPSK PEP = 3.8dB
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
CALIBRATION AT –16dBm, –3dBm, AND +8dBm
–25
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
PIN (dBm)
CW
4-CARRIER W-CDMA PEP = 12.08dBm
1-CARRIER W-CDMA PEP = 10.56dB
10
5
0
–5
–10
–15
–20
–25
–30
CALIBRATION AT –15dBm, –3dBm, AND +8dBm
1G
6G
100M
2.0
1.5
1.0
0.5
0
FREQUENCY (Hz)
–20dBm
–10dBm
0dBm
10dBm
10
5
0
–5
–10
–15
–20
–25
–30
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
PIN (dBm)
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
CW
16 QAM PEP = 6.34dB
64 QAM PEP = 7.17dB
QPSK PEP = 3.8dB
CALIBRATION AT –15dBm, –3dBm, AND +8dBm
10
5
0
–5
–10
–15
–20
–25
–30
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
PIN (dBm)
CW
LTE TM1 1-CARRIER 20MHz PEP = 11.58dB
CALIBRATION AT –15dBm, –3dBm, AND +8dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com