Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM7150 Datasheet(PDF) 22 Page - Microchip Technology

Part # MM7150
Description  High Performance 32-bit Embedded Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MM7150 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MM7150 Datasheet HTML 18Page - Microchip Technology MM7150 Datasheet HTML 19Page - Microchip Technology MM7150 Datasheet HTML 20Page - Microchip Technology MM7150 Datasheet HTML 21Page - Microchip Technology MM7150 Datasheet HTML 22Page - Microchip Technology MM7150 Datasheet HTML 23Page - Microchip Technology MM7150 Datasheet HTML 24Page - Microchip Technology MM7150 Datasheet HTML 25Page - Microchip Technology MM7150 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
MM7150
DS00001888A-page 22
 2015 Microchip Technology Inc.
TABLE 8-8:
RESETS TIMING
FIGURE 8-4:
I2Cx BUS START/STOP BITS TIMING CHARACTERISTICS (SLAVE MODE)
FIGURE 8-5:
I2Cx BUS DATA TIMING CHARACTERISTICS (SLAVE MODE)
AC CHARACTERISTICS
Standard Operating Conditions: 2.3V to 3.6V
(unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +70°C
Param.
No.
Symbol
Characteristics(1)
Min.
Typical(2)
Max.
Units
Conditions
SY00
TPU
Power-up Period
Internal Voltage Regulator
Enabled
—400
600
μs—
SY02
Tsysdly
System Delay Period:
Time Required to Reload Device
Configuration Fuses plus
SYSCLK(3) Delay before First
instruction is Fetched.
—
1 μs +
8 SYSCLK
cycles
——
—
SY20
Tmclr
MCLR# Pulse Width (low)
2
—
—
μs—
SY30
TBOR
BOR Pulse Width (low)
—
1
—
μs—
Note 1:
These parameters are characterized, but not tested in manufacturing.
2:
Data in “Typ” column is at 3.3V, 25°C unless otherwise stated. Characterized by design but not tested.
3:
SYSCLK is 48MHz
IS34
SCLx
SDAx
Start
Condition
Stop
Condition
IS33
Note:
Refer to Figure 8-1 for load conditions.
IS31
IS30
IS30
IS31
IS33
IS11
IS10
IS20
IS26
IS25
IS40
IS40
IS45
IS21
SCLx
SDAx
In
SDAx
Out
Note:
Refer to Figure 8-1 for load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com