Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM7150 Datasheet(PDF) 19 Page - Microchip Technology

Part # MM7150
Description  High Performance 32-bit Embedded Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MM7150 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MM7150 Datasheet HTML 15Page - Microchip Technology MM7150 Datasheet HTML 16Page - Microchip Technology MM7150 Datasheet HTML 17Page - Microchip Technology MM7150 Datasheet HTML 18Page - Microchip Technology MM7150 Datasheet HTML 19Page - Microchip Technology MM7150 Datasheet HTML 20Page - Microchip Technology MM7150 Datasheet HTML 21Page - Microchip Technology MM7150 Datasheet HTML 22Page - Microchip Technology MM7150 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
 2015 Microchip Technology Inc.
DS00001888A-page 19
MM7150
TABLE 8-4:
DC CHARACTERISTICS: I/O PIN OUTPUT SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 2.3V to 3.6V
(unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +70°C
Param. Symbol
Characteristic
Min.
Typ.
Max.
Units
Conditions
DO10
Vol
Output Low Voltage
I/O Pins
——
0.4
V
IOL
≤ 10 mA, VDD = 3.3V
DO20
VOH
Output High Voltage
I/O Pins
1.5(1)
——
V
IOH
≥ -14 mA, VDD = 3.3V
2.0(1)
——
IOH
≥ -12 mA, VDD = 3.3V
2.4
—
—
IOH
≥ -10 mA, VDD = 3.3V
3.0(1)
——
IOH
≥ -7 mA, VDD = 3.3V
Note 1:
Parameters are characterized, but not tested.
TABLE 8-5:
ELECTRICAL CHARACTERISTICS: BROWN-OUT RESET (BOR)
DC CHARACTERISTICS
Standard Operating Conditions: 2.3V to 3.6V
(unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +70°C
Param.
No.
Symbol
Characteristics
Min.(1)
Typical
Max.
Units
Conditions
BO10
Vbor
BOR Event on VDD transition
high-to-low(2)
2.0
—
2.3
V
—
Note 1:
Parameters are for design guidance only and are not tested in manufacturing.
2:
Overall functional device operation at VBORMIN < VDD < VDDMIN is tested, but not characterized.
TABLE 8-6:
INTERNAL VOLTAGE REGULATOR SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 2.3V to 3.6V
(unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +70°C
Param.
No.
Symbol
Characteristics
Min.
Typical
Max.
Units
Comments
D321
Cefc
External Filter Capacitor Value
8
10
—
μF
Capacitor must be low
series resistance (1 ohm).
Typical voltage on the VCAP
pin is 1.8V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com