Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM7150 Datasheet(PDF) 18 Page - Microchip Technology

Part # MM7150
Description  High Performance 32-bit Embedded Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MM7150 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MM7150 Datasheet HTML 14Page - Microchip Technology MM7150 Datasheet HTML 15Page - Microchip Technology MM7150 Datasheet HTML 16Page - Microchip Technology MM7150 Datasheet HTML 17Page - Microchip Technology MM7150 Datasheet HTML 18Page - Microchip Technology MM7150 Datasheet HTML 19Page - Microchip Technology MM7150 Datasheet HTML 20Page - Microchip Technology MM7150 Datasheet HTML 21Page - Microchip Technology MM7150 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
MM7150
DS00001888A-page 18
 2015 Microchip Technology Inc.
TABLE 8-3:
DC CHARACTERISTICS: I/O PIN INPUT SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 2.3V to 3.6V (unless otherwise
stated)
Operating temperature-40°C
≤ TA ≤ +70°C
Param.
No.
Symbol
Characteristics
Min.
Typical(1)
Max.
Units
Conditions
VIL
Input Low Voltage
DI10
I/O Pins
VSS
—0.2 VDD
V
DI18
SDAx, SCLx
VSS
—0.3 VDD
VI2C disabled
(Note 4)
DI19
SDAx, SCLx
VSS
—0.8
V
I2C enabled
(Note 4)
VIH
Input High Voltage
DI20
I/O Pins not 5V-tolerant(5)
0.65 VDD
—VDD
V
(Note 4,6)
I/O Pins 5V-tolerant(5)
0.65 VDD
—5.5
V
DI28
SDAx, SCLx
0.65 VDD
—5.5
V
I2C disabled
(Note 4,6)
DI29
SDAx, SCLx
2.1
—
5.5
V
I2C enabled,
2.3V
≤ VPIN ≤ 5.5
(Note 4,6)
IIL
Input Leakage Current
(Note 3)
DI50
I/O Ports
—
—
+1
μAVSS ≤ VPIN ≤ VDD,
Pin at high-impedance
DI55
MCLR#(2)
——
+1
μAVSS ≤ VPIN ≤ VDD
Note 1:
Data in “Typical” column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance only
and are not tested.
2:
The leakage current on the MCLR# pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3:
Negative current is defined as current sourced by the pin.
4:
This parameter is characterized, but not tested in manufacturing.
5:
See the “Pin List” section for the 5V-tolerant pins.
6:
The VIH specifications are only in relation to externally applied inputs, and not with respect to the user-
selectable internal pull-ups. External open drain input signals utilizing the internal pull-ups of the device are
ensured to be recognized only as a logic “high” internally to the device. For External “input” logic inputs that
require a pull-up source, to ensure the minimum VIH of those components, it is recommended to use an
external pull-up resistor rather than the internal pull-ups of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com