Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM7150 Datasheet(PDF) 15 Page - Microchip Technology

Part # MM7150
Description  High Performance 32-bit Embedded Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MM7150 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MM7150 Datasheet HTML 11Page - Microchip Technology MM7150 Datasheet HTML 12Page - Microchip Technology MM7150 Datasheet HTML 13Page - Microchip Technology MM7150 Datasheet HTML 14Page - Microchip Technology MM7150 Datasheet HTML 15Page - Microchip Technology MM7150 Datasheet HTML 16Page - Microchip Technology MM7150 Datasheet HTML 17Page - Microchip Technology MM7150 Datasheet HTML 18Page - Microchip Technology MM7150 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
 2015 Microchip Technology Inc.
DS00001888A-page 15
MM7150
7.0
MM7150 PERFORMANCE
TABLE 7-1:
PERFORMANCE PARAMETERS
Parameter
Typical
Accelerometer
Range
±2G
Resolution
0.98mG
Accuracy
±40mG
Magnetometer
Range
X,Y: ±1300μT
Z: ±2500μT
Resolution
0.3μT
Heading Accuracy
±3°
Compass
Range
0° to 360°
Resolution
1°
Accuracy
±10°
Gyroscope
Range
±2000°/s
Resolution
0.061°/s
Accuracy
±5°/s
Inclinometer
Range: Pitch
-180° to +180°
Range: Roll
-90° to +90°
Range: Yaw
0° to +360°
Resolution
1°
Accuracy
±5°
Orientation - Quaternion
Range
±1.0
Resolution
0.001
Accuracy
±5°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com