Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3003 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # TS3003
Description  Single Resistor Sets Output Frequency
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3003 Datasheet(HTML) 5 Page - Silicon Laboratories

  TS3003 Datasheet HTML 1Page - Silicon Laboratories TS3003 Datasheet HTML 2Page - Silicon Laboratories TS3003 Datasheet HTML 3Page - Silicon Laboratories TS3003 Datasheet HTML 4Page - Silicon Laboratories TS3003 Datasheet HTML 5Page - Silicon Laboratories TS3003 Datasheet HTML 6Page - Silicon Laboratories TS3003 Datasheet HTML 7Page - Silicon Laboratories TS3003 Datasheet HTML 8Page - Silicon Laboratories TS3003 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TS3003
TS3003 Rev. 1.0
Page 5
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 3V, VPWM_CNTRL= VDD, RSET = 4.32MΩ, RLOAD(FOUT) = Open Circuit, CLOAD(FOUT) = 0pF, CLOAD(PWM) = 0pF, CPWM = VDD , unless otherwise
noted. Values are at TA = 25°C unless otherwise noted.
SUPPLY CURRENT - µA
0%
Supply Current Distribution
1.95
5%
10%
15%
20%
25%
30%
35%
1.97
1.99
2.01
FOUT and PWMOUT
VDD = 3V, CLOAD = 15pF, VPWM CNTRL= VDD, CPWM = 47pF
5µs/DIV
FOUT and PWMOUT
VDD = 5V, CLOAD = 15pF, VPWM CNTRL= VDD, CPWM = 47pF
5µs/DIV
FOUT
VDD = 3V, CLOAD = 15pF
5µs/DIV
FOUT
VDD = 5V, CLOAD = 15pF
5µs/DIV
RSET - MΩ
2
4
40
0
100
Period vs RSET
0
6
60
80
20
8
10
12
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com