Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3003 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # TS3003
Description  Single Resistor Sets Output Frequency
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3003 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button TS3003 Datasheet HTML 2Page - Silicon Laboratories TS3003 Datasheet HTML 3Page - Silicon Laboratories TS3003 Datasheet HTML 4Page - Silicon Laboratories TS3003 Datasheet HTML 5Page - Silicon Laboratories TS3003 Datasheet HTML 6Page - Silicon Laboratories TS3003 Datasheet HTML 7Page - Silicon Laboratories TS3003 Datasheet HTML 8Page - Silicon Laboratories TS3003 Datasheet HTML 9Page - Silicon Laboratories TS3003 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TS3003
Page 6
TS3003 Rev. 1.0
PIN FUNCTIONS
PIN
NAME
FUNCTION
1
FOUT
Fixed Frequency Output. A push-pull output stage with an
output resistance of 160
Ω. FOUT pin swings from GND to
VDD. For lowest power operation, capacitance loads should
be minimized and resistive loads should be maximized.
2,3,
NC
Non-Connect.
5
PWMOUT
Pulse-width Modulated Output. A push-pull output stage with
an output resistance of 160
Ω, the PWMOUT pin is wired anti-
phase with respect to FOUT and swings from GND to VDD.
For lowest power operation, capacitance loads should be
minimized and resistive loads should be maximized.
6
PWM_CNTRL
PWM Output Pulse Control Pin. Applying a voltage between
GND and VRSET will reduce the duty cycle of the PWMOUT
output that is set by the capacitor connected to the CPWM
pin. Connect PWM_CNTRL to VDD for fixed PWMOUT output
pulse time (determined only by capacitor at CPWM).
4,7
GND
Ground. Connect this pin to the system’s analog ground
plane.
8
CPWM
PWMOUT Pulse Width Programming Capacitance Input. A
target capacitance connected from this pin to GND sets the
duty cycle of the PMW output. Minimize any stray capacitance
on this pin. The voltage on this pin will swing from GND to
VRSET. Connect CPWM to VDD to disable PWM function
(saves PWM current).
9
VDD
Power Supply Voltage Input. The supply voltage range is
1.55V
≤ VDD ≤ 5.25V. Bypass this pin with a 0.1uF ceramic
coupling capacitor in close proximity to the TS3003.
10
RSET
FOUT Programming Resistor Input. A 4.32MOhm resistor
connected from this pin to ground sets the T3003’s internal
oscillator’s output period to 40µs (25KHz). For optimal
performance, the composition of the RSET resistor shall be
consistent with a tolerance of 1% or lower. The RSET pin
voltage is approximately 0.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com