Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3003 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # TS3003
Description  Single Resistor Sets Output Frequency
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3003 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button TS3003 Datasheet HTML 3Page - Silicon Laboratories TS3003 Datasheet HTML 4Page - Silicon Laboratories TS3003 Datasheet HTML 5Page - Silicon Laboratories TS3003 Datasheet HTML 6Page - Silicon Laboratories TS3003 Datasheet HTML 7Page - Silicon Laboratories TS3003 Datasheet HTML 8Page - Silicon Laboratories TS3003 Datasheet HTML 9Page - Silicon Laboratories TS3003 Datasheet HTML 10Page - Silicon Laboratories TS3003 Datasheet HTML 11Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TS3003
TS3003 Rev. 1.0
Page 9
TS3003 Start-up Time
As the TS3003 is powered up, its FOUT terminal
(and PWMOUT terminal, if enabled) is active once
the applied VDD is higher than 1.55V. Once the
applied VDD is higher than 1.55V, the master
oscillator achieves steady-state operation within 8ms.
Divide the PWMOUT Output Frequency by Two
with the TS3003
Using a single resistor and capacitor, the TS3003 can
be configured to a divide by two circuit as shown in
Figure 2. To achieve a divide by two function with the
TS3003, the pulse width of the PWMOUT output
must be at least a factor of 2 greater than the period
set at FOUT by resistor RSET. The CPWM capacitor
selected must meet this pulse width requirement and
can be calculated using Equation 2. In Figure 3, a
value of 4.32M
Ω for RSET sets the FOUT output
period to 40µs. A CPWM capacitor of 265pF was
chosen, which sets the pulse width of PWMOUT to
approximately 80µs. This is well above the required
minimum pulse width of 40µs.
Using the TS3003 and a Potentiometer to Dim an
LED
The TS3003 can be configured to dim an LED by
modulating the pulse width of the PWMOUT output.
With an RSET= 2M
Ω, the FOUT output frequency is
approximately 51kHz (or 19.5µs period). Refer to
Figure 3. The CPWM capacitor was calculated using
Equation 2 with a pulse width of 15µs. To reduce the
pulse width from 15µs and in turn, dim the LED, a
1M
Ω potentiometer is used. The potentiometer is
connected to the PWM_CNTRL pin in a voltage
divider configuration. The supply voltage of the circuit
is 5V.
.
Figure 2: Configuring the TS3003 into a Divide by
Two Frequency Divider
Figure 3: TS3003 Configured to Dim an LED with a
Potentiometer



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com