Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3003 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # TS3003
Description  Single Resistor Sets Output Frequency
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3003 Datasheet(HTML) 1 Page - Silicon Laboratories

  TS3003 Datasheet HTML 1Page - Silicon Laboratories TS3003 Datasheet HTML 2Page - Silicon Laboratories TS3003 Datasheet HTML 3Page - Silicon Laboratories TS3003 Datasheet HTML 4Page - Silicon Laboratories TS3003 Datasheet HTML 5Page - Silicon Laboratories TS3003 Datasheet HTML 6Page - Silicon Laboratories TS3003 Datasheet HTML 7Page - Silicon Laboratories TS3003 Datasheet HTML 8Page - Silicon Laboratories TS3003 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TS3003
Page 1
© 2014 Silicon Laboratories, Inc. All rights reserved.
FEATURES
 Ultra Low Supply Current: 1.9
μA at 25kHz
 Supply Voltage Operation: 1.55V to 5.25V
 Single Resistor Sets FOUT at 50% Duty Cycle
 Programmable FOUT Period:
9kHz
≤ FOUT ≤ 300kHz
 FOUT Period Accuracy: 3%
 FOUT Period Drift: 0.02%/ºC
 Single Resistor Sets Output Frequency
 Separate PWM Control and Buffered Output
 FOUT/PWMOUT Output Driver Resistance:
160
APPLICATIONS
Portable and Battery-Powered Equipment
Low-Parts-Count Nanopower Oscillator
Compact Micropower Replacement for Crystal and
Ceramic Oscillators
Micropower Pulse-width Modulation Control
Micropower Pulse-position Modulation Control
Micropower Clock Generation
Micropower Sequential Timing
DESCRIPTION
The TS3003 is a single-supply, second-generation
oscillator/timer fully specified to operate at a supply
voltage range of 1.55 V to 5.25 V while consuming
less than 2.4
μA(max) supply current. Requiring only
a resistor to set the base output frequency (or output
period) at 25 kHz (or 40 µs) with a 50% duty cycle,
the TS3003 timer/oscillator is compact, easy-to-use,
and versatile. Optimized for ultra-long life, low
frequency, battery-powered/portable applications, the
TS3003 joins the TS3001, TS3002, TS3004, and
TS3006 in the CMOS timer family of “NanoWatt
Analog™”
high-performance
analog
integrated
circuits.
The TS3003 output frequency can be user-adjusted
from 9 kHz to 300 kHz with a single resistor. In
addition, the TS3003 represents a 25% reduction in
pcb area and a factor-of-10 lower power consumption
over
other
CMOS-based
integrated
circuit
oscillators/timers. When compared against industry-
standard 555-timer-based products, the TS3003
offers up to 84% reduction in pcb area and over three
orders of magnitude lower power consumption.
The TS3003 is fully specified over the -40°C to +85°C
temperature range and is available in a low-profile,
10-pin 3x3 mm TDFN package with an exposed
back-side paddle.
A 1.55V to 5.25V, 1.9µA, 9kHz to 300kHz Silicon Timer
TYPICAL APPLICATION CIRCUIT


Similar Part No. - TS3003

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS3003 TOUCHSTONE-TS3003 Datasheet
868Kb / 10P
A 1.55V to 5.25V, 10kHz to 300kHz Silicon Timer
TS3003DB TOUCHSTONE-TS3003DB Datasheet
332Kb / 4P
A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3003ITD1033T TOUCHSTONE-TS3003ITD1033T Datasheet
868Kb / 10P
A 1.55V to 5.25V, 10kHz to 300kHz Silicon Timer
TS3003ITD1033TP TOUCHSTONE-TS3003ITD1033TP Datasheet
868Kb / 10P
A 1.55V to 5.25V, 10kHz to 300kHz Silicon Timer
More results

Similar Description - TS3003

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PFCHF WELWYN-PFCHF Datasheet
192Kb / 3P
High Frequency Chip Resistor Terminators
logo
Anaren Microwave
R1A060350R0G5AR ANAREN-R1A060350R0G5AR Datasheet
210Kb / 3P
Anaren High Frequency Chip Resistor
logo
Integrated Device Techn...
ICS8S89831I IDT-ICS8S89831I Datasheet
744Kb / 21P
Output frequency
ICS853S013I IDT-ICS853S013I Datasheet
802Kb / 16P
Output frequency
logo
Silicon Laboratories
TS3004 SILABS-TS3004 Datasheet
1Mb / 12P
Single Resistor Sets Output Frequency
TS3005 SILABS-TS3005 Datasheet
1Mb / 12P
Single Resistor Sets Output Frequency
TS3006 SILABS-TS3006 Datasheet
1Mb / 10P
Single Resistor Sets Output Frequency
logo
Caddock Electronics, In...
USFS-3-370-30M-B2 CADDOCK-USFS-3-370-30M-B2 Datasheet
328Kb / 1P
Type USFS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
USGS-3-1110-300M-B5 CADDOCK-USGS-3-1110-300M-B5 Datasheet
342Kb / 1P
Type USGS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
logo
Token Electronics Indus...
RY31A TOKEN-RY31A Datasheet
405Kb / 5P
High Frequency Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com