Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF2B6M4SL Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # DF2B6M4SL
Description  This product is designed for protection against electrostatic discharge and is not intended for any other purpose, including, but not limited to, voltage regulation.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF2B6M4SL Datasheet(HTML) 6 Page - Toshiba Semiconductor

  DF2B6M4SL Datasheet HTML 1Page - Toshiba Semiconductor DF2B6M4SL Datasheet HTML 2Page - Toshiba Semiconductor DF2B6M4SL Datasheet HTML 3Page - Toshiba Semiconductor DF2B6M4SL Datasheet HTML 4Page - Toshiba Semiconductor DF2B6M4SL Datasheet HTML 5Page - Toshiba Semiconductor DF2B6M4SL Datasheet HTML 6Page - Toshiba Semiconductor DF2B6M4SL Datasheet HTML 7Page - Toshiba Semiconductor DF2B6M4SL Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DF2B6M4SL
2015-09-29
6
ESD Clamp Waveform (IEC61000-4-2) (Note)
Fig. IEC61000-4-2 (Contact)
t (ns)
t (ns)
-8kV contact ESD
VCL-max- peak = -100 V
VCL-30ns-peak = -20 V
VCL-60ns-peak = -12 V
20
0
-20
-40
-60
-80
-100
-120
-140
+8kV contact ESD
VCL-max- peak = 104 V
VCL-30ns-peak = 21 V
VCL-60ns-peak = 12 V
140
120
100
80
60
40
20
0
-20
-10
0
10
20
30
40
50
60
70
80
90
-10
0
10
20
30
40
50
60
70
80
90
t (ns)
t (ns)
-15kV contact ESD
50
0
-50
-100
-150
-200
-250
-300
-350
+15kV contact ESD
VCL-max- peak = 140 V
VCL-30ns-peak = 35 V
VCL-60ns-peak = 26 V
350
300
250
200
150
100
50
0
-50
-10
0
10
20
30
40
50
60
70
80
90
-10
0
10
20
30
40
50
60
70
80
90
VCL-max- peak = -150 V
VCL-30ns-peak = -32 V
VCL-60ns-peak = -18 V
Note: The above characteristics curves are presented for reference only and not guaranteed by production test,
unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com