Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF2B6M4SL Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # DF2B6M4SL
Description  This product is designed for protection against electrostatic discharge and is not intended for any other purpose, including, but not limited to, voltage regulation.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF2B6M4SL Datasheet(HTML) 1 Page - Toshiba Semiconductor

  DF2B6M4SL Datasheet HTML 1Page - Toshiba Semiconductor DF2B6M4SL Datasheet HTML 2Page - Toshiba Semiconductor DF2B6M4SL Datasheet HTML 3Page - Toshiba Semiconductor DF2B6M4SL Datasheet HTML 4Page - Toshiba Semiconductor DF2B6M4SL Datasheet HTML 5Page - Toshiba Semiconductor DF2B6M4SL Datasheet HTML 6Page - Toshiba Semiconductor DF2B6M4SL Datasheet HTML 7Page - Toshiba Semiconductor DF2B6M4SL Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DF2B6M4SL
2015-09-29
1
TOSHIBA Diodes for Protecting against ESD
DF2B6M4SL
Application
-
ESD Protection
Note: This product is designed for protection against electrostatic discharge
(ESD) and is not intended for any other purpose, including, but not limited to,
voltage regulation.
Abusolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Electrostatic discharge voltage
IEC61000-4-2(Contact)
IEC61000-4-2(Air)
VESD
(Note 1)
± 23
± 25
kV
Peak pulse power ( tp = 8 / 20 s )
PPK
30
W
Maximum peak pulse current ( tp = 8 / 20 s )
IPP
(Note 2)
2
A
Junction temperature
Tj
150
C
Storage temperature range
Tstg
−55 to 150
C
Note1 : according to IEC61000-4-2
Note2 : according to IEC61000-4-5
Note3:Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature, etc.)
may cause this product to decrease in the reliability significantly even if the
operating conditions (i.e. operating temperature/current/voltage, etc.) are
within the absolute maximum ratings.Please design the appropriate reliability
upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/ “Derating Concept and Methods”) and individual reliability data
(i.e. reliability test report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
VRWM : Working peak reverse voltage
VBR : Reverse breakdown voltage
IBR : Reverse breakdown current
IR : Reverse Current
VC : Clamping Voltage
IPP : Peak pulse current
RDYN : Dynamic resistance
JEDEC
―
JEITA
―
TOSHIBA
―
Weight: 0.2 mg (typ.)
SL2
1:Pin1
2:Pin2


Similar Part No. - DF2B6M4SL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DF2B6M4ASL TOSHIBA-DF2B6M4ASL Datasheet
362Kb / 9P
ESD Protection Diodes Silicon Epitaxial Planar
DF2B6M4BSL TOSHIBA-DF2B6M4BSL Datasheet
422Kb / 10P
ESD Protection Diodes Silicon Epitaxial Planar
2021-12-02 Rev.1.0
DF2B6M4CT TOSHIBA-DF2B6M4CT Datasheet
367Kb / 9P
ESD Protection Diodes Silicon Epitaxial Planar
2017-12-18 Rev.2.0
More results

Similar Description - DF2B6M4SL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DF2S12S TOSHIBA-DF2S12S Datasheet
161Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF2S16S TOSHIBA-DF2S16S Datasheet
139Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF2S5.6FS TOSHIBA-DF2S5.6FS Datasheet
115Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD)
DF3A3.6FV TOSHIBA-DF3A3.6FV Datasheet
130Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A5.6FU TOSHIBA-DF3A5.6FU Datasheet
154Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A5.6LFE TOSHIBA-DF3A5.6LFE Datasheet
137Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A6.2LFE TOSHIBA-DF3A6.2LFE Datasheet
144Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF5A68JETE85LF TOSHIBA-DF5A68JETE85LF Datasheet
160Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge
DF10G5M4N TOSHIBA-DF10G5M4N Datasheet
836Kb / 8P
This product is designed for protection against electrostatic discharge and is not intended for any other purpose, including, but not limited to, voltage regulation.
DF10G6M4N TOSHIBA-DF10G6M4N Datasheet
789Kb / 8P
This product is designed for protection against electrostatic discharge and is not intended for any other purpose, including, but not limited to, voltage regulation.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com